Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFI-B3216-122 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SFI-B3216-122
Description  Multilayer Chip Ferrite Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SFI-B3216-122 Datasheet(HTML) 2 Page - Sumida Corporation

  SFI-B3216-122 Datasheet HTML 1Page - Sumida Corporation SFI-B3216-122 Datasheet HTML 2Page - Sumida Corporation SFI-B3216-122 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE
Multilayer Chip Ferrite Inductors
——
SFI-3216
2
/2
*All specifications are subject to change without notice.
Electrical Parameters
Parts with other Inductance Tolerance(‘J’ ± 5%) can be provided upon Customer`s request.
Inductance
Q
SRF(MHz)
DCR(mΩ)
Part No.
μ
H
Tolerance
min.
typ.
L, Q test
frequency
(MHz)
min.
typ.
max.
typ.
Rated
current
(mA) max.
SFI-A3216-470□□□
0.047
20
60
50
320
400
150
80
300
SFI-A3216-560□□□
0.056
20
60
50
300
360
150
80
300
SFI-A3216-680□□□
0.068
20
60
50
280
330
150
100
300
SFI-A3216-820□□□
0.082
20
60
50
255
300
150
100
300
SFI-A3216-101□□□
0.10
25
50
25
235
280
200
100
250
SFI-A3216-121□□□
0.12
25
50
25
220
260
200
100
250
SFI-A3216-151□□□
0.15
25
50
25
200
240
200
100
250
SFI-A3216-181□□□
0.18
25
50
25
185
220
200
100
250
SFI-A3216-221□□□
0.22
25
50
25
170
200
250
120
250
SFI-A3216-271□□□
0.27
25
50
25
150
180
250
120
250
SFI-A3216-331□□□
0.33
25
50
25
145
170
300
130
250
SFI-A3216-391□□□
0.39
30
50
25
135
160
300
150
200
SFI-A3216-471□□□
0.47
30
50
25
125
145
300
150
200
SFI-A3216-561□□□
0.56
30
50
25
115
135
350
170
150
SFI-A3216-681□□□
0.68
30
50
25
105
125
350
250
150
SFI-A3216-821□□□
0.82
30
50
25
100
115
400
300
150
SFI-B3216-102□□□
1.0
45
80
10
75
90
250
130
100
SFI-B3216-122□□□
1.2
45
80
10
65
80
300
150
100
SFI-B3216-152□□□
1.5
45
80
10
60
70
300
170
50
SFI-B3216-182□□□
1.8
45
80
10
55
66
500
250
50
SFI-B3216-222□□□
2.2
45
80
10
50
58
600
300
50
SFI-B3216-272□□□
2.7
45
80
10
45
53
600
300
50
SFI-B3216-332□□□
3.3
45
85
10
41
49
700
350
50
SFI-B3216-392□□□
3.9
45
85
10
38
45
800
400
50
SFI-B3216-472□□□
4.7
45
85
10
35
41
800
400
50
SFI-C3216-562□□□
5.6
50
65
4
32
38
600
300
50
SFI-C3216-682□□□
6.8
50
65
4
29
34
600
300
50
SFI-C3216-822□□□
8.2
50
65
4
26
31
600
330
50
SFI-C3216-103□□□
10.0
50
65
2
24
28
700
380
50
SFI-C3216-123□□□
12.0
50
65
2
22
26
900
450
25
SFI-C3216-153□□□
15.0
35
45
1
19
23
1100
550
25
SFI-C3216-183□□□
18.0
35
45
1
18
21
1500
800
25
SFI-C3216-223□□□
22.0
35
45
1
16
19
1500
800
25
SFI-C3216-273□□□
27.0
35
45
1
14
17
1500
800
25
SFI-C3216-333□□□
33.0
±
10%
±
20%
35
45
0.4
13
16
1600
850
25
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance


Similar Part No. - SFI-B3216-122

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-B1608-102 SUMIDA-SFI-B1608-102 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-122 SUMIDA-SFI-B1608-122 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-152 SUMIDA-SFI-B1608-152 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-182 SUMIDA-SFI-B1608-182 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-B1608-222 SUMIDA-SFI-B1608-222 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
More results

Similar Description - SFI-B3216-122

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Token Electronics Indus...
TRMI160808 TOKEN-TRMI160808 Datasheet
410Kb / 8P
   TRMI Chip Multilayer Ferrite Inductors
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
   MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Frontier Electronics.
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
Superworld Electronics
L2-47N-10 SUPERWORLD-L2-47N-10 Datasheet
250Kb / 7P
   FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com