Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC1015 Datasheet(PDF) 1 Page - Sumida Corporation

Part # SFC1015
Description  EMC CHOKE COIL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SFC1015 Datasheet(HTML) 1 Page - Sumida Corporation

  SFC1015 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMC CHOKE COIL <PIN Type: SFC Series>
Type: SFC1015
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
16.0×11.5mm Max.(L×W), 20.0mm Max. Height .
Inductance range: 2.0mH
Rated current range: 1.3A
In addition to the standard versions of parameters shown here, custom
designs are available to meet your exact requirements.
Feature
Ideally used as noise filter chokes for power suppy circuit(secondary) of FAX machine in high
frequency range.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
S”is winding start
Dimension does not include solder used on coil.
Terminal pitch is measured at the base(not from tip of the pin)
Specification
Part No. SFC1Ø15NP-2Ø2
1.Rated current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
Measuring conditions
Inductance (1-2) or (4-3)
2.0mH MIN.
1kHz,0.1V
D.C.R. (1-2) or (4-3)
250mΩ MAX.
at 20℃
Rated current (1-4)
1
1.3A(1.6ATYP.)
2 and 3 to be shorted
2 0.0 MAX.
11.5 M AX.
5.08±0.1
3.0±0.5
1
2
4
3
④ S
S


Similar Part No. - SFC1015

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFC CDE-SFC Datasheet
111Kb / 1P
   AC Motor- Run Capacitor Hardware and Accessories
logo
Samtec, Inc
SFC SAMTEC-SFC Datasheet
324Kb / 1P
   (1.27 mm) .050
logo
Adam Technologies, Inc.
SFC-1 ADAM-TECH-SFC-1 Datasheet
80Kb / 1P
   SMALL FORM CAGE
SFC-1-EMI ADAM-TECH-SFC-1-EMI Datasheet
104Kb / 1P
   909 Rahway Avenue
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
More results

Similar Description - SFC1015

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
PFN1515 SUMIDA-PFN1515 Datasheet
110Kb / 1P
   EMC Choke Coil
PFN0716 SUMIDA-PFN0716 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1025 SUMIDA-PFN1025 Datasheet
129Kb / 1P
   EMC Choke Coil
PFN1316 SUMIDA-PFN1316 Datasheet
126Kb / 1P
   EMC Choke Coil
PFN1318 SUMIDA-PFN1318 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN1329 SUMIDA-PFN1329 Datasheet
128Kb / 1P
   EMC Choke Coil
PFN2029 SUMIDA-PFN2029 Datasheet
128Kb / 1P
   EMC&PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
PFN2028 SUMIDA-PFN2028 Datasheet
126Kb / 1P
   EMC & PFC Choke Coil
PFN0818 SUMIDA-PFN0818 Datasheet
134Kb / 1P
   EMC MORMAL MODE CHOKE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com