Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCPI-XH2520-122 Datasheet(PDF) 1 Page - Sumida Corporation

Part # SCPI-XH2520-122
Description  Multilayer Chip Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCPI-XH2520-122 Datasheet(HTML) 1 Page - Sumida Corporation

  SCPI-XH2520-122 Datasheet HTML 1Page - Sumida Corporation SCPI-XH2520-122 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE
Multilayer Chip Power Inductors
——
SCPI-XH2520
1/2
*All specifications are subject to change without notice.
Features
1. The multi-layered Power Inductors provide high reliability for your products.
2. Magnetic shielded structure
3. Condensed SMT available.
4. Minimized design that is suitable for portable electronic equipments requiring low profile.
5. Lead free (ROHS Compliance).
Applications
1. DC-DC converter for mobile phone
2. MP3 Player
3. Digital still cameras / DVR
4. LCD Driver Module
5. Portable digital equipment
Ordering Information
SCPI - XH
2520
-
472
M
J
T
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(1) Products Series
SCPI : Inductor for Power Line
(5) Inductance
First two digits are inductance values.
Last digit is the number of zeros .
(2) Materials & Design
XH: For low resistance
(6) Tolerance
N : ±30%
(3) Dimension
First two digits : length (㎜)
Last two digits : width (㎜)
(7) Termination
J : Nickel barrier
(4) Thickness
Blank : other normal size(unmarking)
(8) Packaging
B : Bulk Packing
T : Tape & Reel (Φ 178㎜ [ 7inches])
L : Tape & Reel (Φ 254㎜ [10inches])
Shape and Dimensions
(Unit : mm[inch])
Type
L
W
T
C
2.5
±0.20
2.0
±0.20
1.0 Max
0.5
±0.20
SCPI XH2520
〔.098±.008〕 〔.079±.008〕
〔.039 Max〕
〔.020±.008〕
T
C
L
W


Similar Part No. - SCPI-XH2520-122

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCPI-X2016-122 SUMIDA-SCPI-X2016-122 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-222 SUMIDA-SCPI-X2016-222 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-332 SUMIDA-SCPI-X2016-332 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2016-472 SUMIDA-SCPI-X2016-472 Datasheet
443Kb / 2P
   Multilayer Chip Power Inductors
SCPI-X2520B-122 SUMIDA-SCPI-X2520B-122 Datasheet
453Kb / 2P
   Multilayer Chip Power Inductors
More results

Similar Description - SCPI-XH2520-122

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CKP25204R7M-T TAIYO-YUDEN-CKP25204R7M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP2012N1R5M-T TAIYO-YUDEN-CKP2012N1R5M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP2012NR47M-T TAIYO-YUDEN-CKP2012NR47M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP2520V3R3M-T TAIYO-YUDEN-CKP2520V3R3M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP20161R0M-T TAIYO-YUDEN-CKP20161R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
CKP25201R5M-T TAIYO-YUDEN-CKP25201R5M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP25201R0M-T TAIYO-YUDEN-CKP25201R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
logo
Sumida Corporation
SCPI-A2520-102 SUMIDA-SCPI-A2520-102 Datasheet
367Kb / 2P
   Multilayer Chip Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKP2012N3R3M-T TAIYO-YUDEN-CKP2012N3R3M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors
CKP2012N4R7M-T TAIYO-YUDEN-CKP2012N4R7M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com