Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH109NP-120M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH109NP-120M
Description  Power Inductor< Pin Type : RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH109NP-120M Datasheet(HTML) 1 Page - Sumida Corporation

  RCH109NP-120M Datasheet HTML 1Page - Sumida Corporation RCH109NP-120M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< Pin Type : RCH Series>
Type: RCH109
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆ Product Description
10.3mm Max. φ, 9.0mm Max. Height.
Inductance range: 10μH~1.0mH
Rated current range: 0.40~4.5A
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
◆ Feature
Magnetically unshielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines,
etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
(10μH∼27μH)
(33μH∼1.0mH)
To be connected between #1 and #4, #2 and #3 (10μH∼27μH) when using.
It is no matter for the electric characteristics if terminal 1 is connected to terminal 4, terminal 2 is connected
to terminal 3 with solder. (On the bottom of drum core) (10μH∼27μH).
9.0 MAX.
4.0±0.3
φ
0.7±0.1
5.0±0.3
3.5±0.5
φ
10.0±0.3


Similar Part No. - RCH109NP-120M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH109NP-120M SUMIDA-RCH109NP-120M Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH109NP-120M SUMIDA-RCH109NP-120M Datasheet
238Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH109NP-120M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com