Electronic Components Datasheet Search |
|
RCH109NP-681K Datasheet(PDF) 1 Page - Sumida Corporation |
|
RCH109NP-681K Datasheet(HTML) 1 Page - Sumida Corporation |
1 / 2 page Power Inductor< Pin Type : RCH Series> Type: RCH109 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 ◆ Product Description ・ 10.3mm Max. φ, 9.0mm Max. Height. ・ Inductance range: 10μH~1.0mH ・ Rated current range: 0.40~4.5A ・ In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements. ◆ Feature ・ Magnetically unshielded construction. ・ Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors. ・ RoHS Compliance ◆ Dimensions (mm) ◆ Schematics (Bottom) (10μH∼27μH) (33μH∼1.0mH) ※ To be connected between #1 and #4, #2 and #3 (10μH∼27μH) when using. ※ It is no matter for the electric characteristics if terminal 1 is connected to terminal 4, terminal 2 is connected to terminal 3 with solder. (On the bottom of drum core) (10μH∼27μH). 9.0 MAX. 4.0±0.3 φ 0.7±0.1 5.0±0.3 3.5±0.5 φ 10.0±0.3 ① ② ③ ④ ① ② ③ ④ |
Similar Part No. - RCH109NP-681K |
|
Similar Description - RCH109NP-681K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |