Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC875XNP-123K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RC875XNP-123K
Description  POWER INDUCTORS < Pin Type: RC Series>
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RC875XNP-123K Datasheet(HTML) 3 Page - Sumida Corporation

  RC875XNP-123K Datasheet HTML 1Page - Sumida Corporation RC875XNP-123K Datasheet HTML 2Page - Sumida Corporation RC875XNP-123K Datasheet HTML 3Page - Sumida Corporation RC875XNP-123K Datasheet HTML 4Page - Sumida Corporation RC875XNP-123K Datasheet HTML 5Page - Sumida Corporation RC875XNP-123K Datasheet HTML 6Page - Sumida Corporation RC875XNP-123K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWER INDUCTORS < Pin Type: RC Series>
Type:RC-875/35, RC-875/50, RC-875/75, RC-875X
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/7
◆ Specification(RC-875/35 –2)
Part Name
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated Current
(mA) [Ref.]
※2
S.R.F.
[Min.]
RC875NP-1Ø1J-35
101J
100μH ± 5%
50
0.37
400
4.5MHz
RC875NP-121J-35
121J
120μH ± 5%
50
0.42
400
4.1MHz
RC875NP-151J-35
151J
150μH ± 5%
50
0.50
370
3.7MHz
RC875NP-181J-35
181J
180μH ± 5%
50
0.64
335
3.3MHz
RC875NP-221J-35
221J
220μH ± 5%
55
0.75
300
3.0MHz
RC875NP-271J-35
271J
270μH ± 5%
60
0.84
275
2.7MHz
RC875NP-331J-35
331J
330μH ± 5%
65
1.09
230
2.5MHz
RC875NP-391J-35
391J
390μH ± 5%
65
1.20
205
2.3MHz
RC875NP-471J-35
471J
470μH ± 5%
70
1.52
180
2.1MHz
RC875NP-561J-35
561J
560μH ± 5%
70
1.76
160
1.9MHz
RC875NP-681J-35
681J
680μH ± 5%
70
2.00
130
1.7MHz
RC875NP-821J-35
821J
820μH ± 5%
75
2.82
115
1.6MHz
RC875NP-1Ø2J-35
102J
1.0mH ± 5%
50
3.22
105
1.4MHz
RC875NP-122J-35
122J
1.2mH ± 5%
50
3.55
85
1.3MHz
RC875NP-152J-35
152J
1.5mH ± 5%
50
5.12
70
1.2MHz
RC875NP-182J-35
182J
1.8mH ± 5%
50
5.92
55
1.0MHz
RC875NP-222J-35
222J
2.2mH ± 5%
50
6.75
50
950kHz
RC875NP-272J-35
272J
2.7mH ± 5%
50
9.50
45
870kHz
RC875NP-332J-35
332J
3.3mH ± 5%
55
10.9
40
790kHz
RC875NP-392J-35
392J
3.9mH ± 5%
55
12.2
33
720kHz
RC875NP-472J-35
472J
4.7mH ± 5%
50
17.3
30
660kHz
RC875NP-562J-35
562J
5.6mH ± 5%
50
18.9
28
600kHz
RC875NP-682J-35
682J
6.8mH ± 5%
50
24.6
25
550kHz
RC875NP-822J-35
822J
8.2mH ± 5%
50
28.4
23
500kHz
RC875NP-1Ø3J-35
103J
10mH ± 5%
60
26.0
19.5
450kHz
RC875NP-123J-35
123J
12mH ± 5%
60
35.6
18.0
410kHz
RC875NP-153J-35
153J
15mH ± 5%
60
41.2
16.0
370kHz
RC875NP-183J-35
183J
18mH ± 5%
60
54.5
15.0
330kHz
RC875NP-223J-35
223J
22mH ± 5%
60
62.0
13.0
300kHz
RC875NP-273J-35
273J
27mH ± 5%
55
83.2
12.5
270kHz
RC875NP-333J-35
333J
33mH ± 5%
55
95.9
11.5
250kHz
RC875NP-393J-35
393J
39mH ± 5%
50
156
11.0
230kHz
RC875NP-473J-35
473J
47mH ± 5%
50
177
10.0
210kHz


Similar Part No. - RC875XNP-123K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC875XNP-123K SUMIDA-RC875XNP-123K Datasheet
183Kb / 2P
   Power Inductor Pin Type:
More results

Similar Description - RC875XNP-123K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
   Power Inductor< Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com