Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH110CNP-1R5M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH110CNP-1R5M
Description  Power Inductor Pin Type: Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH110CNP-1R5M Datasheet(HTML) 1 Page - Sumida Corporation

  RCH110CNP-1R5M Datasheet HTML 1Page - Sumida Corporation RCH110CNP-1R5M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor Pin Type: <RCH Series>
Type: RCH110C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
11.0mm Max.φ, 10.5mm Max. Height.
Inductance Range: 0.9~8.2μH
Rated current range: 5.8~12.0A
In addition to the standard versions of inductors shown here, custom inductors are available to meet
your exact requirements.
Feature
Magnetically unshielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines,
etc as power supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
A Dimension refer to the specification


Similar Part No. - RCH110CNP-1R5M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH110B SUMIDA-RCH110B Datasheet
232Kb / 5P
   PIN Power Inductor
RCH110BNP-100M SUMIDA-RCH110BNP-100M Datasheet
232Kb / 5P
   PIN Power Inductor
RCH110BNP-101K SUMIDA-RCH110BNP-101K Datasheet
232Kb / 5P
   PIN Power Inductor
RCH110BNP-102K SUMIDA-RCH110BNP-102K Datasheet
232Kb / 5P
   PIN Power Inductor
RCH110BNP-120M SUMIDA-RCH110BNP-120M Datasheet
232Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH110CNP-1R5M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com