Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH1216B Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH1216B
Description  Power Inductor Pin Type: Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH1216B Datasheet(HTML) 2 Page - Sumida Corporation

  RCH1216B_06 Datasheet HTML 1Page - Sumida Corporation RCH1216B_06 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor Pin Type: <RCH Series>
Type: RCH1216B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation
Current (A) ※1
Part Name
Stamp
Inductance
Within]
(at 1kHz)
D.C.R. (Ω)
Max.(Typ.)
(at 20℃)※1
at 20℃
at 100℃
Temperature
Rise Current
(A)※
2
RCH1216BNP-1ØØM
100M
10μH ±20%
24m(19m)
9.00
8.00
5.00
RCH1216BNP-12ØM
120M
12μH ±20%
26m(21m)
7.80
7.00
4.60
RCH1216BNP-15ØM
150M
15μH ±20%
29m(23m)
7.20
6.20
4.40
RCH1216BNP-18ØM
180M
18μH ±20%
33m(26m)
6.75
5.80
4.20
RCH1216BNP-22ØM
220M
22μH ±20%
37m(29m)
6.00
5.30
4.00
RCH1216BNP-27ØM
270M
27μH ±20%
41m(32m)
5.50
4.80
3.80
RCH1216BNP-33ØM
330M
33μH ±20%
46m(36m)
5.00
4.50
3.60
RCH1216BNP-39ØM
390M
39μH ±20%
49m(39m)
4.70
4.10
3.30
RCH1216BNP-47ØM
470M
47μH ±20%
56m(44m)
4.30
3.80
3.20
RCH1216BNP-56ØK
560K
56μH ±10%
87m(69m)
4.10
3.70
2.70
RCH1216BNP-68ØK
680K
68μH ±10%
98m(78m)
3.80
3.30
2.40
RCH1216BNP-82ØK
820K
82μH ±10%
107m(85m)
3.20
2.90
2.25
RCH1216BNP-1Ø1K
101K
100μH ±10%
121m(96m)
3.00
2.70
2.15
RCH1216BNP-121K
121K
120μH ±10%
134m(107m)
2.85
2.60
2.05
RCH1216BNP-151K
151K
150μH ±10%
156m(124m)
2.55
2.35
1.90
RCH1216BNP-181K
181K
180μH ±10%
206m(164m)
2.20
2.05
1.65
RCH1216BNP-221K
221K
220μH±10%
236m(188m)
2.00
1.85
1.55
RCH1216BNP-271K
271K
270μH±10%
0.32(0.25)
1.85
1.70
1.40
RCH1216BNP-331K
331K
330μH±10%
0.37(0.29)
1.65
1.53
1.30
RCH1216BNP-391K
391K
390μH±10%
0.48(0.38)
1.55
1.35
1.05
RCH1216BNP-471K
471K
470μH±10%
0.55(0.44)
1.45
1.25
1.00
RCH1216BNP-561K
561K
560μH±10%
0.62(0.49)
1.36
1.18
0.95
RCH1216BNP-681K
681K
680μH±10%
0.79(0.63)
1.20
1.06
0.82
RCH1216BNP-821K
821K
820μH±10%
0.88(0.70)
1.14
0.97
0.75
RCH1216BNP-1Ø2K
102K
1.0mH ±10%
1.13(0.90)
1.00
0.80
0.65
RCH1216BNP-122K
122K
1.2mH ±10%
1.25(1.00)
0.89
0.76
0.61
RCH1216BNP-152K
152K
1.5mH ±10%
1.52(1.26)
0.85
0.70
0.54
RCH1216BNP-182K
182K
1.8mH ±10%
1.93(1.60)
0.76
0.63
0.46
RCH1216BNP-222K
222K
2.2mH ±10%
2.52(2.10)
0.65
0.57
0.41
1. Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
2: Temperature rise current: The DC current at which the temperature rise is
t
△ =
40 .(Ta
20 ).


Similar Part No. - RCH1216B_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH1216BNP-100M SUMIDA-RCH1216BNP-100M Datasheet
691Kb / 4P
   RCH1216B
RCH1216BNP-100M SUMIDA-RCH1216BNP-100M Datasheet
239Kb / 5P
   PIN Power Inductor
RCH1216BNP-101K SUMIDA-RCH1216BNP-101K Datasheet
691Kb / 4P
   RCH1216B
RCH1216BNP-101K SUMIDA-RCH1216BNP-101K Datasheet
239Kb / 5P
   PIN Power Inductor
RCH1216BNP-102K SUMIDA-RCH1216BNP-102K Datasheet
691Kb / 4P
   RCH1216B
More results

Similar Description - RCH1216B_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com