Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI-B1608-151 Datasheet(PDF) 2 Page - Sumida Corporation

Part # SCI-B1608-151
Description  Multilayer Chip Ceramic Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCI-B1608-151 Datasheet(HTML) 2 Page - Sumida Corporation

  SCI-B1608-151 Datasheet HTML 1Page - Sumida Corporation SCI-B1608-151 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE
Multilayer Chip Ceramic Inductors
——
SCI-1608
2/2
*All specifications are subject to change without notice.
Electrical Parameters
Electrical characteristic Curves
Test Equipment & Fixture
L, Q : RF Impedance Analyzer HP4291A , Test Fixture HP16192A
SRF : Network Analyzer 8722ES (Agilent)
Rdc : TWA-161A,B
Inductance
L, Q test
SRF (MHz)
DCR
Rated current
Part No.
nH
Tolerance
Q
min.
frequency (MHz)
min.
typ.
(mΩ) max.
(mA) max
SCI-B1608-10N□□□
1.0
8
100
4000
13000
100
300
SCI-B1608-12N□□□
1.2
8
100
4000
13000
100
300
SCI-B1608-15N□□□
1.5
8
100
4000
10000
100
300
SCI-B1608-18N□□□
1.8
8
100
3800
10000
120
300
SCI-B1608-22N□□□
2.2
8
100
3600
10000
160
300
SCI-B1608-27N□□□
2.7
8
100
3400
8000
200
300
SCI-B1608-33N□□□
3.3
10
100
3200
6000
220
300
SCI-B1608-39N□□□
3.9
10
100
3000
6000
250
300
SCI-B1608-47N□□□
4.7
10
100
2800
5000
280
300
SCI-B1608-56N□□□
5.6
±
0.3nH
10
100
2700
5000
290
300
SCI-B1608-68N□□□
6.8
10
100
2600
4000
300
300
SCI-B1608-82N□□□
8.2
10
100
2200
4000
330
300
SCI-B1608-100□□□
10
10
100
1800
3000
350
300
SCI-B1608-120□□□
12
10
100
1650
2500
400
300
SCI-B1608-150□□□
15
10
100
1350
2000
450
300
SCI-B1608-180□□□
18
10
100
1350
2000
500
300
SCI-B1608-220□□□
22
10
100
1100
1800
550
300
SCI-B1608-270□□□
27
10
100
1100
1600
600
300
SCI-B1608-330□□□
33
10
100
1000
1400
650
300
SCI-B1608-390□□□
39
10
100
900
1300
700
300
SCI-B1608-470□□□
47
10
100
800
1300
900
300
SCI-B1608-560□□□
56
10
100
700
1100
1000
300
SCI-B1608-680□□□
68
10
100
650
1000
1200
300
SCI-B1608-820□□□
82
10
100
600
850
1500
300
SCI-B1608-101□□□
100
10
100
550
750
1700
300
SCI-B1608-121□□□
120
8
50
500
650
2000
250
SCI-B1608-151□□□
150
8
50
500
600
2400
200
SCI-B1608-181□□□
180
8
50
400
500
2700
200
SCI-B1608-221□□□
220
8
50
400
500
2800
200
SCI-B1608-271□□□
270
±
5%
±
10%
8
50
350
450
3100
200
* SRF : Self-Resonant Frequency.
* DCR : DC Resistance


Similar Part No. - SCI-B1608-151

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1005-100 SUMIDA-SCI-B1005-100 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-101 SUMIDA-SCI-B1005-101 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-120 SUMIDA-SCI-B1005-120 Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B1005-12N SUMIDA-SCI-B1005-12N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
More results

Similar Description - SCI-B1608-151

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Frontier Electronics.
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com