Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH8011 Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH8011
Description  Power Inductor< PIN Type : RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8011 Datasheet(HTML) 1 Page - Sumida Corporation

  RCH8011 Datasheet HTML 1Page - Sumida Corporation RCH8011 Datasheet HTML 2Page - Sumida Corporation RCH8011 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Inductor< PIN Type : RCH Series>
Type: RCH8011, RCH8011B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
MAX.10.8
5.0±1.0
φ7.8 ± 0.5
1.0±0.5
10.8 Max.
5.0±1.0
※A
1.55±0.5
7.0±1.0
7.8±1.0
Product Description
8.3mm Max. φ(RCH8011), 8.8mm Max. φ(RCH8011B), 10.8mm Max. Height.
Inductance range: 10μH~1.0mH(RCH8011), 1.0μH~8.2mH(RCH8011B)
Rated current range: 0.47~4.1A(RCH8011), 5.0A~9.5A(RCH8011B)
In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding
machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
RCH8011
RCH8011B


Similar Part No. - RCH8011

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH8011 SUMIDA-RCH8011 Datasheet
178Kb / 2P
   POWER INDUCTORS
RCH8011NP-100L SUMIDA-RCH8011NP-100L Datasheet
238Kb / 5P
   PIN Power Inductor
RCH8011NP-101L SUMIDA-RCH8011NP-101L Datasheet
238Kb / 5P
   PIN Power Inductor
RCH8011NP-102L SUMIDA-RCH8011NP-102L Datasheet
238Kb / 5P
   PIN Power Inductor
RCH8011NP-120L SUMIDA-RCH8011NP-120L Datasheet
238Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH8011

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com