Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH8011NP-820L Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH8011NP-820L
Description  Power Inductor< PIN Type : RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8011NP-820L Datasheet(HTML) 2 Page - Sumida Corporation

  RCH8011NP-820L Datasheet HTML 1Page - Sumida Corporation RCH8011NP-820L Datasheet HTML 2Page - Sumida Corporation RCH8011NP-820L Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductor< PIN Type : RCH Series>
Type: RCH8011, RCH8011B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification(RCH8011)
Part Name
Stamp
Inductance
Within]
100 kHz/1V
D.C.R. (mΩ)
[Max.] (Typ.)
(at 20℃)
Saturation
Current
(mA) ※1
Temperature
Rise Current
(mA)※2
RCH8Ø11NP-1ØØL
100
10μH ±15%
35(28)
4400
4100
RCH8Ø11NP-12ØL
120
12μH ±15%
40(32)
4000
3950
RCH8Ø11NP-15ØL
150
15μH ±15%
47(38)
3600
3750
RCH8Ø11NP-18ØL
180
18μH ±15%
53(42)
3300
3600
RCH8Ø11NP-22ØL
220
22μH ±15%
56(45)
2800
3050
RCH8Ø11NP-27ØL
270
27μH ±15%
65(52)
2600
2800
RCH8Ø11NP-33ØL
330
33μH ±15%
75(60)
2400
2700
RCH8Ø11NP-39ØL
390
39μH ±15%
84(67)
2200
2550
RCH8Ø11NP-47ØL
470
47μH ±15%
110(88)
2000
2150
RCH8Ø11NP-56ØL
560
56μH ±15%
123(98)
1850
2000
RCH8Ø11NP-68ØL
680
68μH ±15%
138(111)
1700
1900
RCH8Ø11NP-82ØL
820
82μH ±15%
190(154)
1600
1550
RCH8Ø11NP-1Ø1L
101
100μH ±15%
215(172)
1500
1500
RCH8Ø11NP-121L
121
120μH ±15%
275(222)
1200
1300
RCH8Ø11NP-151L
151
150μH ±15%
310(250)
1100
1200
RCH8Ø11NP-181L
181
180μH ±15%
360(288)
1000
1100
RCH8Ø11NP-221L
221
220μH ±15%
440(354)
950
1050
RCH8Ø11NP-271L
271
270μH ±15%
590(472)
900
900
RCH8Ø11NP-331L
331
330μH ±15%
640(512)
800
820
RCH8Ø11NP-391L
391
390μH ±15%
710(570)
700
780
RCH8Ø11NP-471L
471
470μH ±15%
900(720)
650
700
RCH8Ø11NP-561L
561
560μH ±15%
1125(903)
600
640
RCH8Ø11NP-681L
681
680μH ±15%
1280(1025)
560
540
RCH8Ø11NP-821L
821
820μH ±15%
1660(1329)
520
500
RCH8Ø11NP-1Ø2L
102
1000μH ±15%
1915(1532)
490
470


Similar Part No. - RCH8011NP-820L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH8011NP-820L SUMIDA-RCH8011NP-820L Datasheet
238Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH8011NP-820L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com