Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH108NP-180M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH108NP-180M
Description  Power Inductor< Pin Type : RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH108NP-180M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH108NP-180M Datasheet HTML 1Page - Sumida Corporation RCH108NP-180M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type : RCH Series>
Type: RCH-108
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
[Within]
1
.C.R.
(Ω)
[Max.]
(at 20℃)
Rated
Current
(A)
2
S.R.F.
(MHz)
<Ref.>
Mounting
holes
(mm)
3
RCH1Ø8NP-2R2M
RCH1Ø8NP-2R7M
RCH1Ø8NP-3R7M
2R2M
2R7M
3R7M
2.2μH ± 20 %
2.7μH ± 20 %
3.7μH ± 20 %
8.5m
9.6m
10.9m
7.9
7.2
6.3
46
35
32
1.4
1.4
1.4
RCH1Ø8NP-4R7M
RCH1Ø8NP-6R2M
RCH1Ø8NP-8R2M
4R7M
6R2M
8R2M
4.7μH ± 20 %
6.2μH ± 20 %
8.2μH ± 20 %
11.7m
15.3m
17.0m
5.7
5.3
5.0
28
26
18
1.4
1.4
1.4
RCH1Ø8NP-1ØØM
RCH1Ø8NP-12ØM
RCH1Ø8NP-15ØM
100M
120M
150M
10μH ± 20 %
12μH ± 20 %
15μH ± 20 %
27.0m
31.0m
36.0m
4.5
4.1
3.7
14
10
9
1.2
1.2
1.2
RCH1Ø8NP-18ØM
RCH1Ø8NP-22ØM
RCH1Ø8NP-27ØM
180M
220M
270M
18μH ± 20 %
22μH ± 20 %
27μH ± 20 %
49.0m
55.0m
62.0m
3.4
3.1
2.8
17
16
13
1.4
1.4
1.4
RCH1Ø8NP-33ØK
RCH1Ø8NP-39ØK
RCH1Ø8NP-47ØK
330K
390K
470K
33μH ± 10 %
39μH ± 10 %
47μH ± 10 %
79.0m
87.0m
99.0m
2.5
2.3
2.1
12
11
10
1.2
1.2
1.2
RCH1Ø8NP-56ØK
RCH1Ø8NP-68ØK
RCH1Ø8NP-82ØK
560K
680K
820K
56μH ± 10 %
68μH ± 10 %
82μH ± 10 %
0.13
0.14
0.16
1.9
1.7
1.6
8.6
7.6
7.4
1.2
1.2
1.2
RCH1Ø8NP-1Ø1K
RCH1Ø8NP-121K
RCH1Ø8NP-151K
101K
121K
151K
100μH ± 10 %
120μH ± 10 %
150μH ± 10 %
0.21
0.24
0.32
1.4
1.3
1.2
6.5
6.2
5.1
1.2
1.2
1.0
RCH1Ø8NP-181K
RCH1Ø8NP-221K
RCH1Ø8NP-271K
181K
221K
271K
180μH ± 10 %
220μH ± 10 %
270μH ± 10 %
0.35
0.45
0.61
1.1
0.96
0.87
4.6
4.3
4.0
1.0
1.0
1.0
RCH1Ø8NP-331K
RCH1Ø8NP-391K
RCH1Ø8NP-471K
331K
391K
471K
330μH ± 10 %
390μH ± 10 %
470μH ± 10 %
0.69
0.78
1.0
0.79
0.72
0.66
3.7
3.2
3.0
1.0
1.0
1.0
RCH1Ø8NP-561K
RCH1Ø8NP-681K
RCH1Ø8NP-821K
561K
681K
821K
560μH ± 10 %
680μH ± 10 %
820μH ± 10 %
1.2
1.4
1.8
0.60
0.55
0.50
2.8
2.6
2.3
1.0
1.0
1.0
RCH1Ø8NP-1Ø2K
102K
1.0mH ± 10 %
2.1
0.45
2.1
1.0
1:Measuring frequency:
2.2μH~8.2μH
at 7.96MHz
10μH~1.0mH
at 1kHz
2: Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃
, whichever is lower(Ta=20 )
3:Please give sufficient consideration to the thick wire used when mounted into the P.C.B..


Similar Part No. - RCH108NP-180M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH108NP-180M SUMIDA-RCH108NP-180M Datasheet
275Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH108NP-180M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com