Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH106NP-220M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH106NP-220M
Description  Power Inductor< Pin Type: RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH106NP-220M Datasheet(HTML) 1 Page - Sumida Corporation

  RCH106NP-220M Datasheet HTML 1Page - Sumida Corporation RCH106NP-220M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-106
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
10.5mm Max.φ, 6.5mm Max. Height.
Inductance Range: 1.0μH~1.0mH
Rated current range: 0.36~9.3A
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines,
etc as Power Supplies’s Inductors or DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
(100M ∼ 102K)
(1R0N ∼ 7R8M)
6.0±0.5
3.5
±1.0
φ10.0±0.5
4.0±0.3


Similar Part No. - RCH106NP-220M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH106NP-220M SUMIDA-RCH106NP-220M Datasheet
265Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH106NP-220M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com