Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH109NP-100M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH109NP-100M
Description  Power Inductor< Pin Type : RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH109NP-100M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH109NP-100M Datasheet HTML 1Page - Sumida Corporation RCH109NP-100M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type : RCH Series>
Type: RCH-109
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation current
(A)※1
Part Name
Stamp
Inductance
Within]
(at 1kHz)
D.C.R. (Ω)
Max.(Typ.)
at 20℃
at 20℃
at 100℃
Temperature
Rise Current
(A)※
2
RCH1Ø9NP-1ØØM
100
10μH ±20%
25m(19m)
4.50
3.40
4.50
RCH1Ø9NP-12ØM
120
12μH ±20%
29m(23m)
4.00
2.95
4.10
RCH1Ø9NP-15ØM
150
15μH ±20%
35m(28m)
3.65
2.55
3.75
RCH1Ø9NP-18ØM
180
18μH ±20%
43m(34m)
3.20
2.35
2.85
RCH1Ø9NP-22ØM
220
22μH ±20%
47m(37m)
3.05
2.00
2.70
RCH1Ø9NP-27ØM
270
27μH ±20%
54m(43m)
2.70
1.85
2.50
RCH1Ø9NP-33ØK
330
33μH ±10%
72m(57m)
2.45
1.70
2.40
RCH1Ø9NP-39ØK
390
39μH ±10%
78m(62m)
2.10
1.50
2.20
RCH1Ø9NP-47ØK
470
47μH ±10%
92m(74m)
2.00
1.40
2.05
RCH1Ø9NP-56ØK
560
56μH ±10%
116m(93m)
1.75
1.30
1.80
RCH1Ø9NP-68ØK
680
68μH ±10%
130m(104m)
1.65
1.25
1.60
RCH1Ø9NP-82ØK
820
82μH ±10%
150m(120m)
1.50
1.15
1.50
RCH1Ø9NP-1Ø1K
101
100μH ±10% 200m(160m)
1.35
1.00
1.40
RCH1Ø9NP-121K
121
120μH ±10% 225m(180m)
1.25
0.92
1.25
RCH1Ø9NP-151K
151
150μH ±10% 288m(230m)
1.10
0.82
1.05
RCH1Ø9NP-181K
181
180μH ±10%
0.34(0.27)
1.00
0.76
1.00
RCH1Ø9NP-221K
221
220μH ±10%
0.42(0.33)
0.94
0.70
0.92
RCH1Ø9NP-271K
271
270μH ±10%
0.57(0.45)
0.85
0.65
0.77
RCH1Ø9NP-331K
331
330μH ±10%
0.65(0.52)
0.77
0.60
0.67
RCH1Ø9NP-391K
391
390μH ±10%
0.73(0.58)
0.71
0.51
0.63
RCH1Ø9NP-471K
471
470μH ±10%
0.95(0.76)
0.65
0.45
0.59
RCH1Ø9NP-561K
561
560μH ±10%
1.08(0.86)
0.60
0.40
0.52
RCH1Ø9NP-681K
681
680μH ±10%
1.24(0.99)
0.54
0.38
0.50
RCH1Ø9NP-821K
821
820μH ±10%
1.59(1.32)
0.48
0.36
0.42
RCH1Ø9NP-1Ø2K
102
1.0mH ±10%
1.84(1.53)
0.44
0.34
0.40
1: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
2: Temperature rise current: The DC current at which the temperature rise is
t
△ =
40 .(Ta
20 ).


Similar Part No. - RCH109NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH109NP-100M SUMIDA-RCH109NP-100M Datasheet
70Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH109NP-100M SUMIDA-RCH109NP-100M Datasheet
238Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH109NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com