Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH110NP-820K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH110NP-820K
Description  Power Inductor< Pin Type : RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH110NP-820K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH110NP-820K Datasheet HTML 1Page - Sumida Corporation RCH110NP-820K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type : RCH Series>
Type: RCH-110
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
(at 1kHz)
[Within]
D.C.R.(Ω)
[Max.]
(at20℃)
Rated
Current
(A)※1
S.R.F.
(MHz)
Typ.
Mounting
holes
(mm) ※2
RCH11ØNP-1ØØM
RCH11ØNP-12ØM
RCH11ØNP-15ØM
100M
120M
150M
10μH ± 20%
12μH ± 20%
15μH ± 20%
0.022
0.023
0.026
5.3
4.9
4.4
14
11
7.7
1.4
1.4
1.4
RCH11ØNP-18ØM
RCH11ØNP-22ØM
RCH11ØNP-27ØM
180M
220M
270M
18μH ± 20%
22μH ± 20%
27μH ± 20%
0.033
0.037
0.048
4.0
3.6
3.3
7.1
6.8
6.1
1.2
1.2
1.2
RCH11ØNP-33ØK
RCH11ØNP-39ØK
RCH11ØNP-47ØK
330K
390K
470K
33μH ± 10%
39μH ± 10%
47μH ± 10%
0.055
0.073
0.083
2.9
2.7
2.5
6.0
8.6
8.1
1.2
1.2
1.2
RCH11ØNP-56ØK
RCH11ØNP-68ØK
RCH11ØNP-82ØK
560K
680K
820K
56μH ± 10%
68μH ± 10%
82μH ± 10%
0.092
0.12
0.14
2.3
2.1
1.9
7.6
6.3
6.0
1.2
1.2
1.2
RCH11ØNP-1Ø1K
RCH11ØNP-121K
RCH11ØNP-151K
101K
121K
151K
100μH ± 10%
120μH ± 10%
150μH ± 10%
0.16
0.20
0.23
1.7
1.5
1.4
5.7
4.8
4.2
1.2
1.2
1.2
RCH11ØNP-181K
RCH11ØNP-221K
RCH11ØNP-271K
181K
221K
271K
180μH ± 10%
220μH ± 10%
270μH ± 10%
0.31
0.34
0.40
1.3
1.1
1.0
3.9
3.8
3.4
1.2
1.2
1.2
RCH11ØNP-331K
RCH11ØNP-391K
RCH11ØNP-471K
331K
391K
471K
330μH ± 10%
390μH ± 10%
470μH ± 10%
0.52
0.65
0.71
0.93
0.86
0.78
2.8
2.7
2.5
1.0
1.0
1.0
RCH11ØNP-561K
RCH11ØNP-681K
RCH11ØNP-821K
561K
681K
821K
560μH ± 10%
680μH ± 10%
820μH ± 10%
1.0
1.1
1.3
0.71
0.65
0.59
2.2
2.1
2.0
1.0
1.0
1.0
RCH11ØNP-1Ø2K
102K
1.0 mH ± 10%
1.7
0.53
1.7
1.0
1: Rated current: The DC current at which the inductance decreases 90% of it’s initial value
or when
t=40
△℃
whichever is lower(Ta=20 )
※2
: Please give sufficient consideration to the thickness of wire while mounted into P.C.B.


Similar Part No. - RCH110NP-820K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH110NP-820K SUMIDA-RCH110NP-820K Datasheet
231Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH110NP-820K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com