Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH106NP-681K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH106NP-681K
Description  Power Inductor< Pin Type: RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH106NP-681K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH106NP-681K Datasheet HTML 1Page - Sumida Corporation RCH106NP-681K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-106
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part Name
Stamp
Inductance
(μH)
[Within] ※1
D.C.R.(Ω)
[Max.]
(at20 )
Rated
Current
(A)
2
Mounting
Holes
(mm)
3
RCH1Ø6NP-1RØN
1R0N
1.0±30 %
5.0m
9.3
1.2
RCH1Ø6NP-1R2N
1R2N
1.2±30 %
6.9m
8.0
1.2
RCH1Ø6NP-1R8M
1R8M
1.8±20 %
8.0m
7.4
1.2
RCH1Ø6NP-2R8M
2R8M
2.8±20 %
11.8m
6.0
1.2
RCH1Ø6NP-3R6M
3R6M
3.6±20 %
13.8m
5.7
1.2
RCH1Ø6NP-5R1M
5R1M
5.1±20 %
19.6m
4.6
1.2
RCH1Ø6NP-6R3M
6R3M
6.3±20 %
23.1m
4.2
1.2
RCH1Ø6NP-7R8M
7R8M
7.8±20 %
24.8m
3.9
1.2
RCH1Ø6NP-1ØØM
100M
10±20 %
40m
3.6
1.2
RCH1Ø6NP-12ØM
120M
12±20 %
44m
3.3
1.2
RCH1Ø6NP-15ØM
150M
15±20 %
58m
2.9
1.2
RCH1Ø6NP-18ØM
180M
18±20 %
64m
2.7
1.2
RCH1Ø6NP-22ØM
220M
22±20 %
88m
2.4
1.2
RCH1Ø6NP-27ØM
270M
27±20 %
0.10
2.2
1.2
RCH1Ø6NP-33ØK
330K
33±10 %
0.11
2.0
1.2
RCH1Ø6NP-39ØK
390K
39±10 %
0.14
1.8
1.0
RCH1Ø6NP-47ØK
470K
47±10 %
0.16
1.7
1.0
RCH1Ø6NP-56ØK
560K
56±10 %
0.19
1.5
1.0
RCH1Ø6NP-68ØK
680K
68±10 %
0.22
1.4
1.0
RCH1Ø6NP-82ØK
820K
82±10 %
0.29
1.3
1.0
RCH1Ø6NP-1Ø1K
101K
100±10 %
0.32
1.3
1.0
RCH1Ø6NP-121K
121K
120±10 %
0.38
1.2
1.0
RCH1Ø6NP-151K
151K
150±10 %
0.50
1.0
1.0
RCH1Ø6NP-181K
181K
180±10 %
0.56
0.84
1.0
RCH1Ø6NP-221K
221K
220±10 %
0.78
0.76
1.0
RCH1Ø6NP-271K
271K
270±10 %
0.92
0.69
1.0
RCH1Ø6NP-331K
331K
330±10 %
1.1
0.62
1.0
RCH1Ø6NP-391K
391K
390±10 %
1.3
0.57
1.0
RCH1Ø6NP-471K
471K
470±10 %
1.5
0.52
1.0
RCH1Ø6NP-561K
561K
560±10 %
1.9
0.48
1.0
RCH1Ø6NP-681K
681K
680±10 %
2.2
0.43
1.0
RCH1Ø6NP-821K
821K
820±10 %
2.6
0.40
1.0
RCH1Ø6NP-1Ø2K
102K
1000±10 %
3.2
0.36
1.0
1:Measuring frequency:
1.0μH ∼ 7.8μH at 7.96MHz
10μH ∼ 1.0mH at 1kHz
2: Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃
whichever is lower(Ta=20 )
3:Please give sufficient consideration to the thickness of wire while mounted into P.C.B.


Similar Part No. - RCH106NP-681K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH106NP-681K SUMIDA-RCH106NP-681K Datasheet
265Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCH106NP-681K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com