Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ-N42DRD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BQ-N42DRD
Description  0.39(7.60MM) FOUR DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BQ-N42DRD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BQ-N42DRD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BQ-N42DRD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BQ-N42DRD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  
 
 !           "!!#!!
$%&!'
()*
+,-./01%2)/3
%0)34
.1506--*0)5%.
%0%0
7
)0018
-.-6
1%9
:%;1
1340(
3

3
8
:
7

1%9
7 <* %2
;<*
58
/67%51
-.-6
14130
-.-6
/*1618
==
!
#

'
>
!'
>
.%59 
:()01
?%
&!'
1;16,1 -.0%41 @@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@ '
1;16,1 /66130 6&' @@@@@@@@@@@@@@@@@@@@@@@@@@@@@@@A
*16%0)34 1*16%0/61 %341 @@@@@@@@@@@@@@@@@@@@@@@@@@   #
0-6%41 1*16%0/61 %341 @@@@@@@@@@@@@@@@@@@@@@@@@@@   #'
1%8 -.816)34 1*16%0/61 "=  6- -8<@@@@@@@@@@@@@@@@@@!=-6' 15-38,


Similar Part No. - BQ-N42DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-N424RD BRIGHT-BQ-N424RD Datasheet
194Kb / 4P
   0.30(10.0MM) FOUR DIGIT LED DISPLAY
BQ-N426RD BRIGHT-BQ-N426RD Datasheet
155Kb / 3P
   0.39(10.0MM) FOUR DIGIT LED DISPLAY
More results

Similar Description - BQ-N42DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-M334RD BRIGHT-BQ-M334RD Datasheet
101Kb / 1P
   0.30(7.60MM) FOUR DIGIT LED DISPLAY
BQ-N334RD BRIGHT-BQ-N334RD Datasheet
99Kb / 1P
   0.30(7.60MM) FOUR DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LFD4K5-63HS-XX-S4-PF LIGITEK-LFD4K5-63HS-XX-S4-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-63HS-XX-S7-PF LIGITEK-LFD4K5-63HS-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-63HS-XX-S9-PF LIGITEK-LFD4K5-63HS-XX-S9-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-63V-XX-S4-PF LIGITEK-LFD4K5-63V-XX-S4-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-63-XX-F1-PF LIGITEK-LFD4K5-63-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-63-XX-S4-PF LIGITEK-LFD4K5-63-XX-S4-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-66-XX-S5-PF LIGITEK-LFD4K5-66-XX-S5-PF Datasheet
157Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX LIGITEK-LFD415-64-XX Datasheet
104Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com