Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM50DA-XXS Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RM50DA-XXS
Description  MEDIUM POWER, HIGH FREQUENCY USE INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM50DA-XXS Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RM50DA-XXS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM50DA-XXS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM50DA-XXS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
MITSUBISHI FAST RECOVERY DIODE MODULES
RM50DA/CA/C1A-XXS
MEDIUM POWER, HIGH FREQUENCY USE
INSULATED TYPE
PERFORMANCE CURVES
MAXIMUM FORWARD CHARACTERISTIC
FORWARD VOLTAGE (V)
REVERSE RECOVERY CHARACTERISTICS
VS. FORWARD CURRENT (TYPICAL)
FORWARD CURRENT (A)
–di/dt (A/
µs)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
(JUNCTION TO CASE)
TIME (s)
ALLOWABLE SURGE (NON-REPETITIVE)
FORWARD CURRENT
REVERSE RECOVERY CHARACTERISTICS
VS. –di/dt (TYPICAL)
CONDUCTION TIME
(CYCLES AT 60Hz)
–1
10
0
10
1
10
2
10
0
10
1
10
–1
10
–2
10
3
10
2
10
1
10
0
10
3
10
2
10
1
10
0
10
–1
10
0
10
1
10
2
10
0
10
1
10
–1
10
–2
10
–3
10
–2
10
–1
10
0
10
1
10
3
10
2
10
1
10
0
10
4.2
3.4
1.8
0.2
7
5
3
2
7
5
3
2
7
5
3
2
2.6
Tj=25°C
1.0
7
5
3
2
7
5
3
2
7
5
3
2
1.0
0.8
0.6
0.4
0.2
0
44
4
23 4 5 7
3
2
5
4
10
7
5
4
3
2
0
200
400
600
800
1000
70
50
40
30
20
110
100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
Irr
trr
Qrr
Tj=25°C
Tj=150°C
VR=150/300V
di/dt=–100A/µs
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
Tj=25°C
Tj=150°C
VR=150/300V
IF=50A
Irr
trr
Qrr


Similar Part No. - RM50DA-XXS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM50DA-XXF MITSUBISHI-RM50DA-XXF Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
More results

Similar Description - RM50DA-XXS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM20DA-XXS MITSUBISHI-RM20DA-XXS Datasheet
48Kb / 3P
   MEDIUM POWER, HIGH FREQUENCY USE INSULATED TYPE
RM300CA-9W MITSUBISHI-RM300CA-9W Datasheet
62Kb / 3P
   HIGH FREQUENCY USE INSULATED TYPE
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com