Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH114NP-153KB Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH114NP-153KB
Description  Power Inductor< Pin Type: RCH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH114NP-153KB Datasheet(HTML) 2 Page - Sumida Corporation

  RCH114NP-153KB Datasheet HTML 1Page - Sumida Corporation RCH114NP-153KB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-114
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
(Within)
※1
D.C.R.(Ω)
Max.(Typ.)
at 20℃
Rated
Current
(A)※
2
RCH114NP-6R3MB
RCH114NP-7R5MB
RCH114NP-8R8MB
6R3
7R5
8R8
6.3μH ± 20 %
7.5μH ± 20 %
8.8μH ± 20 %
26m(20)m
29m(22m)
30m(23m)
4.3
4.2
4.1
RCH114NP-1ØØKB
RCH114NP-12ØKB
RCH114NP-15ØKB
100
120
150
10μH ± 10 %
12μH ± 10 %
15μH ± 10 %
33m(25m)
35m(27m)
39m(30m)
4.0
3.9
3.7
RCH114NP-18ØKB
RCH114NP-22ØKB
RCH114NP-27ØKB
180
220
270
18μH ± 10 %
22μH ± 10 %
27μH ± 10 %
47m(36m)
51m(39m)
57m(44m)
3.5
3.3
3.1
RCH114NP-33ØKB
RCH114NP-39ØKB
RCH114NP-47ØKB
330
390
470
33μH ± 10 %
39μH ± 10 %
47μH ± 10 %
64m(49m)
74m(57m)
83m(64m)
2.9
2.7
2.5
RCH114NP-56ØKB
RCH114NP-68ØKB
RCH114NP-82ØKB
560
680
820
56μH ± 10 %
68μH ± 10 %
82μH ± 10 %
104m(80m)
117m(90m)
130m(100m)
2.3
2.1
1.9
RCH114NP-1Ø1KB
RCH114NP-121KB
RCH114NP-151KB
101
121
151
100μH ± 10 %
120μH ± 10 %
150μH ± 10 %
143m(110m)
195m(150m)
221m(170m)
1.7
1.5
1.4
RCH114NP-181KB
RCH114NP-221KB
RCH114NP-271KB
181
221
271
180μH ± 10 %
220μH ± 10 %
270μH ± 10 %
0.26(0.20)
0.35(0.27)
0.39(0.30)
1.3
1.2
1.1
RCH114NP-331KB
RCH114NP-391KB
RCH114NP-471KB
331
391
471
330μH ± 10 %
390μH ± 10 %
470μH ± 10 %
0.52(0.40)
0.57(0.44)
0.65(0.50)
1.0
0.92
0.84
RCH114NP-561KB
RCH114NP-681KB
RCH114NP-821KB
561
681
821
560μH ± 10 %
680μH ± 10 %
820μH ± 10 %
0.79(0.61)
0.96(0.74)
1.22(0.94)
0.75
0.69
0.62
RCH114NP-1Ø2KB
RCH114NP-122KB
RCH114NP-152KB
102
122
152
1.0 mH ± 10 %
1.2 mH ± 10 %
1.5 mH ± 10 %
1.6(1.3)
2.2(1.8)
2.5(2.0)
0.52
0.46
0.41
RCH114NP-182KB
RCH114NP-222KB
RCH114NP-272KB
182
222
272
1.8 mH ± 10 %
2.2 mH ± 10 %
2.7 mH ± 10 %
2.9(2.3)
3.2(2.6)
3.7(3.0)
0.36
0.32
0.29
RCH114NP-332KB
RCH114NP-392KB
RCH114NP-472KB
332
392
472
3.3 mH ± 10 %
3.9 mH ± 10 %
4.7 mH ± 10 %
5.0(4.0)
5.6(4.5)
7.4(5.9)
0.27
0.25
0.23
RCH114NP-562KB
RCH114NP-682KB
RCH114NP-822KB
562
682
822
5.6 mH ± 10 %
6.8 mH ± 10 %
8.2 mH ± 10 %
8.2(6.6)
11.9(9.5)
14(11)
0.21
0.19
0.17
RCH114NP-1Ø3KB
RCH114NP-123KB
RCH114NP-153KB
103
123
153
10 mH ± 10 %
12 mH ± 10 %
15 mH ± 10 %
16(13)
21(17)
24(19)
0.16
0.15
0.14
RCH114NP-183KB
RCH114NP-223KB
RCH114NP-273KB
183
223
273
18 mH ± 10 %
22 mH ± 10 %
27 mH ± 10 %
27(22)
34(27)
39(31)
0.13
0.12
0.11
RCH114NP-333KB
RCH114NP-393KB
333
393
33 mH ± 10 %
39 mH ± 10 %
51(41)
58(46)
0.10
0.09
※1
: Measuring frequency :
.3μH~8.8μH
at 7
.96MHz
10μH~39mH
at 1
.0kHz
2: Rated current: The DC current at which the inductance decreases 90% of it’s initial value or when
t=40
△℃
, whichever is lower(Ta=20 )


Similar Part No. - RCH114NP-153KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH114NP-153KB SUMIDA-RCH114NP-153KB Datasheet
280Kb / 7P
   PIN Power Inductor
More results

Similar Description - RCH114NP-153KB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com