Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH875NP-560K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH875NP-560K
Description  Power Inductor< Pin Type: RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH875NP-560K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH875NP-560K Datasheet HTML 1Page - Sumida Corporation RCH875NP-560K Datasheet HTML 2Page - Sumida Corporation RCH875NP-560K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-875
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
Part Name
Stamp
Inductance
<Within>※1
D.C.R
<Max.>(Ω)
(at20℃)
Saturation
Current(A)※2
Temperature
rise current
(A)※3
RCH875NP-2R2M
2R2M
2.2μH ± 20%
13.7m
5.8
3.0
RCH875NP-2R8M
2R8M
2.8μH ± 20%
15.3m
5.0
2.9
RCH875NP-3R5M
3R5M
3.5μH ± 20%
17.2m
4.7
2.8
RCH875NP-4R4M
4R4M
4.4μH ± 20%
19.1m
4.5
2.7
RCH875NP-5R1M
5R1M
5.1μH ± 20%
21.2m
4.2
2.6
RCH875NP-6RØM
6R0M
6.0μH ± 20%
22.2m
4.0
2.5
RCH875NP-7R1M
7R1M
7.1μH ± 20%
24.2m
3.4
2.3
RCH875NP-8R2M
8R2M
8.2μH ± 20%
26.5m
3.1
2.2
RCH875NP-1ØØM
100M
10 μH ± 20%
0.05
2.9
2.1
RCH875NP-12ØM
120M
12 μH ± 20%
0.06
2.5
1.8
RCH875NP-15ØK
150K
15 μH ± 10%
0.07
2.2
1.4
RCH875NP-18ØK
180K
18 μH ± 10%
0.08
1.9
1.3
RCH875NP-22ØK
220K
22 μH ± 10%
0.09
1.8
1.2
RCH875NP-27ØK
270K
27 μH ± 10%
0.11
1.7
1.0
RCH875NP-33ØK
330K
33 μH ± 10%
0.13
1.5
1.0
RCH875NP-39ØK
390K
39 μH ± 10%
0.14
1.3
0.95
RCH875NP-47ØK
470K
47 μH ± 10%
0.15
1.3
0.90
RCH875NP-56ØK
560K
56 μH ± 10%
0.18
1.2
0.73
RCH875NP-68ØK
680K
68 μH ± 10%
0.20
1.1
0.68
RCH875NP-82ØK
820K
82 μH ± 10%
0.24
1.0
0.63
RCH875NP-1Ø1K
101K
100μH ± 10%
0.35
0.89
0.59
RCH875NP-121K
121K
120μH ± 10%
0.36
0.81
0.50
RCH875NP-151K
151K
150μH ± 10%
0.42
0.72
0.46
RCH875NP-181K
181K
180μH ± 10%
0.57
0.66
0.41
RCH875NP-221K
221K
220μH ± 10%
0.63
0.57
0.38
RCH875NP-271K
271K
270μH ± 10%
0.88
0.51
0.32
RCH875NP-331K
331K
330μH ± 10%
1.05
0.46
0.30
RCH875NP-391K
391K
390μH ± 10%
1.17
0.44
0.29
RCH875NP-471K
471K
470μH ± 10%
1.34
0.41
0.28
RCH875NP-561K
561K
560μH ± 10%
1.72
0.36
0.23
RCH875NP-681K
681K
680μH ± 10%
1.96
0.33
0.22
RCH875NP-821K
821K
820μH ± 10%
2.56
0.30
0.19
RCH875NP-1Ø2K
102K
1.0mH ± 10%
2.94
0.27
0.18
RCH875NP-122K
122K
1.2mH ± 10%
4.04
0.24
0.16
RCH875NP-152K
152K
1.5mH ± 10%
4.70
0.22
0.15
RCH875NP-182K
182K
1.8mH ± 10%
5.05
0.20
0.14
RCH875NP-222K
222K
2.2mH ± 10%
6.25
0.18
0.13
RCH875NP-272K
272K
2.7mH ± 10%
8.72
0.16
0.10
RCH875NP-332K
332K
3.3mH ± 10%
10.6
0.15
95m


Similar Part No. - RCH875NP-560K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH875NP-560K SUMIDA-RCH875NP-560K Datasheet
326Kb / 7P
   PIN Power Inductor
More results

Similar Description - RCH875NP-560K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com