Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH895NP-100M Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH895NP-100M
Description  Power Inductor< Pin Type: RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH895NP-100M Datasheet(HTML) 3 Page - Sumida Corporation

  RCH895NP-100M Datasheet HTML 1Page - Sumida Corporation RCH895NP-100M Datasheet HTML 2Page - Sumida Corporation RCH895NP-100M Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-895
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part Name
Stamp
Inductance
<Within>
※1
D.C.R
<Max.>(Ω)
(at20℃)
Saturation
Current(A)
2
Temperature
rise current
(A)※3
RCH895NP-123K
123K
12mH ± 10%
25.0
73m
59m
RCH895NP-153K
153K
15mH ± 10%
29.1
68m
57m
RCH895NP-183K
183K
18mH ± 10%
38.9
66m
48m
RCH895NP-223K
223K
22mH ± 10%
44.9
59m
42m
RCH895NP-273K
273K
27mH ± 10%
55.7
52m
39m
RCH895NP-333K
333K
33mH ± 10%
64.2
48m
37m
RCH895NP-393K
393K
39mH ± 10%
74.2
42m
35m
RCH895NP-473K
473K
47mH ± 10%
96.4
38m
31m
1: Measuring frequency
2.5μH ~ 9.2μH
at 7.96MHz
10μH ~ 82μH
at 2.52MHz
100μH ~ 47 mH
at
1 kHz
2: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
3: Temperature rise current
: The DC current at which the temperature rise is
t
△ =
20 .(Ta
20 ).


Similar Part No. - RCH895NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH895NP-100M SUMIDA-RCH895NP-100M Datasheet
352Kb / 8P
   PIN Power Inductor
More results

Similar Description - RCH895NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com