Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP-105L Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCP-105L
Description  POWER INDUCTORS Type: RCP Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP-105L Datasheet(HTML) 1 Page - Sumida Corporation

  RCP-105L Datasheet HTML 1Page - Sumida Corporation RCP-105L Datasheet HTML 2Page - Sumida Corporation RCP-105L Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <Pin Type: RCP Series>
Type: RCP-105, RCP-105L
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
5.0
10.0±0.5
±1.0
MA X. 13. 5
◆ Product Description
・10.5mm Max.φ, 13.5mm(RCP-105);10.5mm(RCP-105L)Max. height.
・Inductance Range: 100mH~1.5H(RCP-105);100μH~47mH(RCP-105L).
・Rated Current Range: 14~420mA(RCP-105);14~420mA(RCP-105L).
・Custom design is available.
◆ Feature
・Magnetically shielded construction.
・Ideally Used in Printers, LCD TV, Copy Machine, Mainboard of the compounding machines, etc
as Power Supplies’s Inductors or DC-DC Converter inductors.
・RoHS Compliance.
◆ Dimensions (mm)
RCP-105
RCP-105L
10.5 Max.
4.5-0.5
+1.0


Similar Part No. - RCP-105L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-1000-12 MEANWELL-RCP-1000-12 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-1000-12 MEANWELL-RCP-1000-12 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-1000-24 MEANWELL-RCP-1000-24 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-1000-24 MEANWELL-RCP-1000-24 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
More results

Similar Description - RCP-105L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-095 SUMIDA-RCP-095 Datasheet
222Kb / 5P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com