Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH855NP-471K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH855NP-471K
Description  Power Inductor< Pin Type: RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH855NP-471K Datasheet(HTML) 3 Page - Sumida Corporation

  RCH855NP-471K Datasheet HTML 1Page - Sumida Corporation RCH855NP-471K Datasheet HTML 2Page - Sumida Corporation RCH855NP-471K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-855
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part Name
Stamp
Inductance
<Within>(μH)
※1
D.C.R(Ω)
<Max.>
(at20℃)
Saturation
Current
(A)※2
Temperature
rise current
(A)※3
RCH855NP-332K
332K
3300±10%
15.9
0.14
68m
RCH855NP-392K
392K
3900±10%
18.0
0.13
65m
RCH855NP-472K
472K
4700±10%
23.9
0.12
56m
RCH855NP-562K
562K
5600±10%
26.8
0.11
53m
RCH855NP-682K
682K
6800±10%
31.7
98m
49m
RCH855NP-822K
822K
8200±10%
46.5
88m
40m
RCH855NP-1Ø3K
103K
10000±10%
55.7
81m
37m
1:Measuring Frequency:
2.5μH~ 8.2μH
at 7.96MHz
10μH ~ 82μH
at 2.52 MHz
100μH~10000μH at 1 kHz
2: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
3: Temperature rise current: The DC current at which the temperature rise is
t
△ =
20 .(Ta
20 ).


Similar Part No. - RCH855NP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH855NP-471K SUMIDA-RCH855NP-471K Datasheet
315Kb / 7P
   PIN Power Inductor
More results

Similar Description - RCH855NP-471K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com