Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX8PNP-562J Datasheet(PDF) 4 Page - Sumida Corporation

Part # RX8PNP-562J
Description  POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RX8PNP-562J Datasheet(HTML) 4 Page - Sumida Corporation

  RX8PNP-562J Datasheet HTML 1Page - Sumida Corporation RX8PNP-562J Datasheet HTML 2Page - Sumida Corporation RX8PNP-562J Datasheet HTML 3Page - Sumida Corporation RX8PNP-562J Datasheet HTML 4Page - Sumida Corporation RX8PNP-562J Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWER INDUCTORS < Pin Type: RX Series>
Type: RX-8P
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/5
◆ Specification-3
Part Name
Stamp
Inductance
Within]
(at 1kHz)
D.C.R.
(Ω)[Max.]
(at 20℃)
Rated
Current
(mA) ※1
S.R.F.
(MHz)
[Ref.]
RX8PNP-1Ø2JR
102
1.0mH±5%
3.80
118
1.75
RX8PNP-122JR
122
1.2mH±5%
5.50
110
1.48
RX8PNP-152JR
152
1.5mH±5%
6.20
98
1.35
RX8PNP-182JR
182
1.8mH±5%
9.50
92
1.17
RX8PNP-222JR
222
2.2mH±5%
10.6
81
1.11
RX8PNP-272JR
272
2.7mH±5%
14.5
72
1.00
RX8PNP-332JR
332
3.3mH±5%
16.5
65
0.92
RX8PNP-392JR
392
3.9mH±5%
21.2
60
0.76
RX8PNP-472JR
472
4.7mH±5%
23.5
54
0.71
RX8PNP-562JR
562
5.6mH±5%
28.0
51
0.66
RX8PNP-682JR
682
6.8mH±5%
37.0
46
0.60
RX8PNP-822JR
822
8.2mH±5%
42.0
41
0.56
RX8PNP-1Ø3JR
103
10mH±5%
50.0
38
0.53
RX8PNP-123JR
123
12mH±5%
67.0
34
0.48
RX8PNP-153JR
153
15mH±5%
76.5
31
0.43
RX8PNP-183JR
183
18mH±5%
88.0
28
0.41
RX8PNP-223JR
223
22mH±5%
136.5
25
0.36
RX8PNP-273JR
273
27mH±5%
150.5
23
0.33
RX8PNP-333JR
333
33mH±5%
170.0
21
0.30


Similar Part No. - RX8PNP-562J

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RX8000 RFSOLUTIONS-RX8000 Datasheet
371Kb / 4P
   Synthesised Radio Modules
logo
Epson Company
RX8010-SJ EPSON-RX8010-SJ Datasheet
276Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX8010SJ EPSON-RX8010SJ Datasheet
276Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
List of Unclassifed Man...
RX80N08 ETC-RX80N08 Datasheet
538Kb / 8P
   Silicon N Channel Power MOSFET
logo
Epson ToYoCom
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
More results

Similar Description - RX8PNP-562J

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com