Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH875NP-562K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH875NP-562K
Description  Power Inductor< Pin Type: RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH875NP-562K Datasheet(HTML) 3 Page - Sumida Corporation

  RCH875NP-562K Datasheet HTML 1Page - Sumida Corporation RCH875NP-562K Datasheet HTML 2Page - Sumida Corporation RCH875NP-562K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-875
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Part Name
Stamp
Inductance
<Within>
※1
D.C.R
<Max.>(Ω)
(at20℃)
Saturation
Current(A)※2
Temperature
rise current
(A)※3
RCH875NP-392K
392K
3.9mH ± 10%
14.2
0.14
81m
RCH875NP-472K
472K
4.7mH ± 10%
16.7
0.12
74m
RCH875NP-562K
562K
5.6mH ± 10%
18.7
0.11
69m
RCH875NP-682K
682K
6.8mH ± 10%
21.8
0.10
67m
RCH875NP-822K
822K
8.2mH ± 10%
28.7
93m
63m
RCH875NP-1Ø3K
103K
10mH ± 10%
33.0
84m
54m
1: Measuring frequency
2.2μH ~ 8.2μH
at 7.96MHz
10μH ~ 82μH
at 2.52MHz
100μH ~ 10mH
at 1 kHz
2: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
3: Temperature rise current: The DC current at which the temperature rise is
t
△ =
20 .(Ta
20 ).


Similar Part No. - RCH875NP-562K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH875NP-562K SUMIDA-RCH875NP-562K Datasheet
326Kb / 7P
   PIN Power Inductor
More results

Similar Description - RCH875NP-562K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com