Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5-R75-NP Datasheet(PDF) 1 Page - Sumida Corporation

Part # S5-R75-NP
Description  RF COILS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

S5-R75-NP Datasheet(HTML) 1 Page - Sumida Corporation

  S5-R75-NP Datasheet HTML 1Page - Sumida Corporation S5-R75-NP Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: S-5LB, S-5LBN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
RF COILS < Pin Type: S-5 Series>
Product Description
6.0×6.0mm Max.(L×W), 6.0mm Max. Height. (S-5LB)
5.5×5.5mm Max.(L×W), 6.0mm Max. Height. (S-5LBN)
Inductance: 1.0µH Max.
Operating frequency: 300MHz Max.
In addition to the reference versions of parameters shown here, custom designs are available to meet
your exact requirements.
Feature
Variable type.
Both shielded(S-5LB) and unshielded(S-5LBN) types are available.
RoHS Compliance
Dimensions (mm)
S-5LB
S-5LBN
Dimension does not include solder used on coil.
Pin pitch should be measured at the root of terminal.
2.2±0.3
6.0 MAX.
3.5±0.15
+1.0
6.0 MAX.
3.0-0.5
6.0MAX.
+1.0
-0.5
3.0
φ
3.5±0.15
5.2
0.3


Similar Part No. - S5-R75-NP

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
S5-0R24J8 RIEDON-S5-0R24J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
logo
Intronics Power, Inc.
S5-12S5 INTRONICS-S5-12S5 Datasheet
192Kb / 1P
   DC/DC MODULES
logo
Riedon Powertron
S5-150RF8 RIEDON-S5-150RF8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
logo
List of Unclassifed Man...
S5-1C8-20 ETC2-S5-1C8-20 Datasheet
196Kb / 4P
   MULTI-FUNCTION M18 SENSORS
More results

Similar Description - S5-R75-NP

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
SM76 SUMIDA-SM76 Datasheet
35Kb / 1P
   RF Coils
CSM54 SUMIDA-CSM54 Datasheet
64Kb / 3P
   RF Coils
S-7LBFN SUMIDA-S-7LBFN Datasheet
156Kb / 1P
   RF COILS
S-7GC SUMIDA-S-7GC Datasheet
30Kb / 1P
   RF COILS
S-5LG SUMIDA-S-5LG Datasheet
181Kb / 2P
   RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com