Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1210 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ1210
Description  EZBuck??2A Simple Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1210 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ1210 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1210 Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AOZ1210
Rev. 1.3 December 2007
www.aosmd.com
Page 7 of 14
Detailed Description
The AOZ1210 is a current-mode step down regulator with
integrated high side NMOS switch. It operates from a
4.5V to 27V input voltage range and supplies up to 2A of
load current. The duty cycle can be adjusted from 6% to
85% allowing a wide range of output voltages. Features
include; enable control, Power-On Reset, input under
voltage lockout, fixed internal soft-start and thermal shut
down.
The AOZ1210 is available in SO-8 package.
Enable and Soft Start
The AOZ1210 has an internal soft start feature to limit
in-rush current and ensure the output voltage ramps up
smoothly to the regulation voltage. A soft start process
begins when the input voltage rises to 4.1V and voltage
on EN pin is HIGH. In the soft start process, the output
voltage is typically ramped to regulation voltage in
4 ms.
The
4.0 ms soft start time is set internally.
If the enable function is not used, connect the EN pin to
VIN. Pulling EN to ground will disable the AOZ1210. Do
not leave EN open. The voltage on the EN pin must be
above 2.5 V to enable the AOZ1210. When voltage on
EN pin falls below 0.6V, the AOZ1210 is disabled. If an
application circuit requires the AOZ1210 to be disabled,
an open drain or open collector circuit should be used to
interface with the EN pin.
Steady-State Operation
Under steady-state conditions, the converter operates in
fixed frequency and Continuous-Conduction Mode
(CCM).
The AOZ1210 integrates an internal N-MOSFET as the
high-side switch. Inductor current is sensed by amplifying
the voltage drop across the drain to source of the high
side power MOSFET. Since the N-MOSFET requires a
gate voltage higher than the input voltage, a boost
capacitor connected between the LX and BST pins drives
the gate. The boost capacitor is charged while LX is low.
An internal 10
Ω switch from LX to GND is used to ensure
that LX is pulled to GND even in the light load. Output
voltage is divided down by the external voltage divider at
the FB pin. The difference of the FB pin voltage and
reference is amplified by the internal transconductance
error amplifier. The error voltage, which shows on the
COMP pin, is compared against the current signal. The
current signal is the sum of inductor current signal and
ramp compensation signal, at the PWM comparator
input. If the current signal is less than the error voltage,
the internal high-side switch is on. The inductor current
flows from the input through the inductor to the output.
When the current signal exceeds the error voltage, the
high-side switch is off. The inductor current is freewheel-
ing through the Schottky diode to the output.
Switching Frequency
The AOZ1210 switching frequency is fixed and set by
an internal oscillator. The switching frequency is set to
370kHz.
Output Voltage Programming
Output voltage can be set by feeding back the output to
the FB pin with a resistor divider network. In the applica-
tion circuit shown in Figure 1. The resistor divider
network includes R1 and R2. Typically, a design is started
by picking a fixed R2 value and calculating the required
R1 value with equation below.
Some standard values for R1 and R2 for the most
commonly used output voltages are listed in Table 1.
Table 1.
The combination of R1 and R2 should be large enough to
avoid drawing excessive current from the output, which
will cause power loss.
Protection Features
The AOZ1210 has multiple protection features to prevent
system circuit damage under abnormal conditions.
Over Current Protection (OCP)
The sensed inductor current signal is also used for over
current protection. Since the AOZ1210 employs peak
current mode control, the COMP pin voltage is propor-
tional to the peak inductor current. The COMP pin voltage
is limited to be between 0.4V and 2.5V internally. The
peak inductor current is automatically limited cycle by
cycle.
VO (V)
R1 (kΩ)
R2 (kΩ)
0.8
1.0
Open
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
31.6
10
5.0
52.3
10
V
O
0.8
1
R
1
R
2
-------
+



×
=


Similar Part No. - AOZ1210

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
More results

Similar Description - AOZ1210

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com