Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH895NP-392K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH895NP-392K
Description  Power Inductor< Pin Type: RCH Series>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH895NP-392K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH895NP-392K Datasheet HTML 1Page - Sumida Corporation RCH895NP-392K Datasheet HTML 2Page - Sumida Corporation RCH895NP-392K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Inductor< Pin Type: RCH Series>
Type: RCH-895
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification
Part Name
Stamp
Inductance
<Within>
※1
D.C.R
<Max.>(Ω)
(at20℃)
Saturation
Current(A)
2
Temperature
rise current
(A)※3
RCH895NP-2R5M
2R5M
2.5μH ± 20%
13.7m
5.0
3.2
RCH895NP-3R2M
3R2M
3.2μH ± 20%
15.3m
4.5
2.9
RCH895NP-3R8M
3R8M
3.8μH ± 20%
16.4m
4.1
2.7
RCH895NP-4R6M
4R6M
4.6μH ± 20%
18.5m
3.7
2.5
RCH895NP-5R5M
5R5M
5.5μH ± 20%
20.2m
3.4
2.4
RCH895NP-6R5M
6R5M
6.5μH ± 20%
20.8m
3.2
2.3
RCH895NP-7R7M
7R7M
7.7μH ± 20%
22.4m
2.9
2.2
RCH895NP-9R2M
9R2M
9.2μH ± 20%
24.1m
2.7
2.1
RCH895NP-1ØØM
100M
10 μH ± 20%
0.04
2.6
2.0
RCH895NP-12ØM
120M
12 μH ± 20%
0.04
2.6
1.9
RCH895NP-15ØK
150K
15 μH ± 10%
0.05
2.1
1.8
RCH895NP-18ØK
180K
18 μH ± 10%
0.05
2.0
1.6
RCH895NP-22ØK
220K
22 μH ± 10%
0.06
1.7
1.4
RCH895NP-27ØK
270K
27 μH ± 10%
0.06
1.6
1.3
RCH895NP-33ØK
330K
33 μH ± 10%
0.07
1.4
1.1
RCH895NP-39ØK
390K
39 μH ± 10%
0.08
1.4
1.1
RCH895NP-47ØK
470K
47 μH ± 10%
0.10
1.3
0.99
RCH895NP-56ØK
560K
56 μH ± 10%
0.11
1.2
0.90
RCH895NP-68ØK
680K
68 μH ± 10%
0.14
1.1
0.81
RCH895NP-82ØK
820K
82 μH ± 10%
0.16
1.0
0.76
RCH895NP-1Ø1K
101K
100μH ± 10%
0.19
0.90
0.72
RCH895NP-121K
121K
120μH ± 10%
0.22
0.82
0.67
RCH895NP-151K
151K
150μH ± 10%
0.27
0.74
0.61
RCH895NP-181K
181K
180μH ± 10%
0.31
0.71
0.54
RCH895NP-221K
221K
220μH ± 10%
0.38
0.64
0.50
RCH895NP-271K
271K
270μH ± 10%
0.53
0.57
0.41
RCH895NP-331K
331K
330μH ± 10%
0.61
0.51
0.39
RCH895NP-391K
391K
390μH ± 10%
0.69
0.48
0.37
RCH895NP-471K
471K
470μH ± 10%
0.89
0.43
0.32
RCH895NP-561K
561K
560μH ± 10%
1.01
0.40
0.30
RCH895NP-681K
681K
680μH ± 10%
1.18
0.35
0.27
RCH895NP-821K
821K
820μH ± 10%
1.57
0.32
0.24
RCH895NP-1Ø2K
102K
1.0mH ± 10%
1.84
0.30
0.22
RCH895NP-122K
122K
1.2mH ± 10%
2.10
0.27
0.21
RCH895NP-152K
152K
1.5mH ± 10%
2.80
0.23
0.18
RCH895NP-182K
182K
1.8mH ± 10%
3.21
0.21
0.17
RCH895NP-222K
222K
2.2mH ± 10%
4.21
0.19
0.15
RCH895NP-272K
272K
2.7mH ± 10%
4.94
0.17
0.14
RCH895NP-332K
332K
3.3mH ± 10%
6.16
0.15
0.12
RCH895NP-392K
392K
3.9mH ± 10%
6.84
0.14
0.11
RCH895NP-472K
472K
4.7mH ± 10%
7.89
0.13
0.10
RCH895NP-562K
562K
5.6mH ± 10%
11.5
0.12
86m
RCH895NP-682K
682K
6.8mH ± 10%
13.2
0.11
80m
RCH895NP-822K
822K
8.2mH ± 10%
15.3
0.10
75m
RCH895NP-1Ø3K
103K
10mH ± 10%
22.0
89m
62m


Similar Part No. - RCH895NP-392K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH895NP-392K SUMIDA-RCH895NP-392K Datasheet
352Kb / 8P
   PIN Power Inductor
More results

Similar Description - RCH895NP-392K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
   Power Inductor< Pin Type: RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH110C SUMIDA-RCH110C Datasheet
163Kb / 2P
   Power Inductor Pin Type:
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
   Power Inductor Pin Type:
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
   Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
   Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
   Power Inductor< PIN Type : RCH Series>
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com