Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR1616NP-100M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCR1616NP-100M
Description  POWER INDUCTORS < Pin Type: RCR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCR1616NP-100M Datasheet(HTML) 2 Page - Sumida Corporation

  RCR1616NP-100M Datasheet HTML 1Page - Sumida Corporation RCR1616NP-100M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < Pin Type: RCR Series>
Type: RCR1616
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part Name
Stamp
Inductance
<within>
(at 1kHz)
D.C.R.(mΩ)
Max.(Typ.)
at 20℃※1
Saturation-
current
(A)※1
Temperature
Rise current
(A)※2
RCR1616NP-4R7M
RCR1616NP-6R8M
RCR1616NP-1ØØM
4R7M
6R8M
100M
4.7μH±20%
6.8μH±20%
10μH±20%
6.70(5.15)
9.35(7.20)
10.5(8.25)
12.6
9.8
9.3
9.2
8.0
7.8
RCR1616NP-12ØM
RCR1616NP-15ØM
RCR1616NP-18ØM
120M
150M
180M
12μH±20%
15μH±20%
18μH±20%
11.0(8.47)
14.5(11.2)
16.5(12.7)
8.5
7.1
6.7
7.4
6.2
6.0
RCR1616NP-22ØM
RCR1616NP-27ØM
RCR1616NP-33ØM
220M
270M
330M
22μH±20%
27μH±20%
33μH±20%
17.0(13.0)
20.0(15.2)
27.0(20.5)
6.2
5.6
5.0
5.7
5.2
4.8
RCR1616NP-39ØM
RCR1616NP-47ØM
RCR1616NP-56ØM
390M
470M
560M
39μH±20%
47μH±20%
56μH±20%
33.0(25.4)
37.0(28.4)
45.0(34.5)
4.6
4.2
3.8
4.5
4.1
3.8
RCR1616NP-68ØM
RCR1616NP-82ØM
RCR1616NP-1Ø1K
680M
820M
101K
68μH±20%
82μH±20%
100μH±10%
56.0(43.0)
64.5(49.5)
68.0(52.5)
3.3
2.9
2.7
3.4
3.1
2.9
RCR1616NP-121K
RCR1616NP-151K
RCR1616NP-181K
121K
151K
181K
120μH±10%
150μH±10%
180μH±10%
80.0(61.7)
91.0(70.0)
135(104)
2.5
2.3
2.0
2.6
2.4
2.0
RCR1616NP-221K
RCR1616NP-271K
RCR1616NP-331K
221K
271K
331K
220μH±10%
270μH±10%
330μH±10%
155(119)
180(140)
240(183)
1.8
1.7
1.5
1.8
1.7
1.4
RCR1616NP-391K
RCR1616NP-471K
RCR1616NP-561K
391K
471K
561K
390μH±10%
470μH±10%
560μH±10%
255(196)
280(215)
380(291)
1.3
1.2
1.1
1.3
1.3
1.1
RCR1616NP-681K
RCR1616NP-821K
RCR1616NP-1Ø2K
681K
821K
102K
680μH±10%
820μH±10%
1.0mH±10%
515(397)
575(443)
665(513)
1.0
0.96
0.85
1.0
0.99
0.93
1: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
2: Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).


Similar Part No. - RCR1616NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR1616NP-100M SUMIDA-RCR1616NP-100M Datasheet
239Kb / 5P
   PIN Power Inductor
More results

Similar Description - RCR1616NP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-664D SUMIDA-RCR-664D Datasheet
152Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-875D SUMIDA-RCR-875D Datasheet
64Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
EP169 SUMIDA-EP169_06 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com