Selected language     English  ▼


P-10R Datasheet(PDF) 1 Page - Sumida Corporation

Part No. P-10R
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: P-10R/FM, P-10R/AM, P-10R/SW, P-10R/MW, P-10R/LW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: P-10 Series>
Product Description
・10.7×10.7mm Max.(L×W), 13.5mm Max. Height.
・Inductance:1μH ~4.0mH.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・Variable shielded type.
・FM,SW,AM,MW,AM,LW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (FM,SW,MW,AM,LW),TV. Transceiver
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
Connection (Bottom View)
P-10R/FM
P-10R/AM
P-10R/SW
P-10R/MW, P-10R/LW
“S” is winding start.
10.4 ± 0.3
7.0 ± 0.2
3. 5- 0 .5
+1 .0
13 .0 ± 0. 5
4. 0 ± 0. 3
Color:(white)
S
S
S ①
③④
⑥ S
S ①
③④
S
S




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation
CP53IFT COILS 1 Sumida Corporation
CP55IFT COILS 1 Sumida Corporation
CP-4LBMIFT Coils 1 2 Sumida Corporation
CP-4L2IFT Coils < SMD Type: CP Series> 1 Sumida Corporation
P-7GBIFT COILS 1 2 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl