Selected language     English  ▼


P-10R Datasheet(PDF) 2 Page - Sumida Corporation

Part No. P-10R
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 2 page
background image
Type: P-10R/FM, P-10R/AM, P-10R/SW, P-10R/MW, P-10R/LW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: P-10 Series>
Specification (P-10R/FM) (Part No. 0133-T021)
(1−3)
Measuring Condition
Frequency
10.7MHZ±1% Variable
Unloaded Qu
95 Min.
10.7MHz
Capacity(Int.)
82pF±10%
Ext. stray capacity 5pF between (1-3) at measuring.
Specification (P-10R/AM) (Part No. 0130-H224)
(1-3)
Measuring Condition
Frequency
455kHz±4% Variable
Unloaded Qu
65 Min.
455kHz
Capacity (Int.)
180pF±10%
Ext. Stray capacity 0 pF between (1-3) at measuring.
Specification (P-10R/SW) (Part No. 0138-T039)
(1-3)
Measuring Condition
Inductance
10μH± 4%
Variable
2.52MHz
Unloaded Qu
75 Min.
2.52MHz
Specification (P-10R/MW) (Part No. 0137-T043)
(1-3)
Measuring Condition
Inductance
400μH±6% Variable
796kHz
Unloaded Qu
95 Min.
796kHz
Specification (P-10R/LW) (Part No. 0136-T032)
(4-6)
Measuring Condition
Inductance
5.2mH± 5%
Variable
252 KHz
Unloaded Qu
70 Min.
252 KHz




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation
CP53IFT COILS 1 Sumida Corporation
CP55IFT COILS 1 Sumida Corporation
CP-4LBMIFT Coils 1 2 Sumida Corporation
CP-4L2IFT Coils < SMD Type: CP Series> 1 Sumida Corporation
P-7GBIFT COILS 1 2 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl