Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP095NP-123J Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCP095NP-123J
Description  POWER INDUCTORS < Pin Type: RCP Series >
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP095NP-123J Datasheet(HTML) 2 Page - Sumida Corporation

  RCP095NP-123J Datasheet HTML 1Page - Sumida Corporation RCP095NP-123J Datasheet HTML 2Page - Sumida Corporation RCP095NP-123J Datasheet HTML 3Page - Sumida Corporation RCP095NP-123J Datasheet HTML 4Page - Sumida Corporation RCP095NP-123J Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER INDUCTORS < Pin Type: RCP Series >
Type: RCP-095/12
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/5
Specification - 1
Part No.
Stamp
Inductance
<Within>
※1
Qu
<MIN.>
(at 50kHz)
Rated Current
(
mA)※2
[Ref.]
D.C.R.
(
Ω)<MAX.>
(at 20
℃)
RCPØ95NP-1Ø2K
102K
1.0mH
±10%
70
60.0
1.6
RCPØ95NP-122K
122K
1.2mH
±10%
75
54.0
1.9
RCPØ95NP-152K
152K
1.5mH
±10%
75
52.0
2.4
RCPØ95NP-182K
182K
1.8mH
±10%
80
43.0
2.7
RCPØ95NP-222K
222K
2.2mH
±10%
80
39.0
3.2
RCPØ95NP-272K
272K
2.7mH
±10%
80
33.0
4.5
RCPØ95NP-332K
332K
3.3mH
±10%
80
29.0
5.0
RCPØ95NP-392K
392K
3.9mH
±10%
85
25.0
5.7
RCPØ95NP-472K
472K
4.7mH
±10%
85
23.0
6.4
RCPØ95NP-562K
562K
5.6mH
±10%
85
21.0
9.0
RCPØ95NP-682K
682K
6.8mH
±10%
85
20.5
11.0
RCPØ95NP-822K
822K
8.2mH
±10%
85
19.3
12.2
RCPØ95NP-1Ø3K
103K
10mH
±10%
90
18.0
15.5
RCPØ95NP-123K
123K
12mH
±10%
90
14.5
18.3
RCPØ95NP-153K
153K
15mH
±10%
95
14.0
25.0
RCPØ95NP-183K
183K
18mH
±10%
95
13.0
28.0
RCPØ95NP-223K
223K
22mH
±10%
95
12.0
32.0
RCPØ95NP-273K
273K
27mH
±10%
90
11.5
45.0
RCPØ95NP-333K
333K
33mH
±10%
90
11.0
52.0
RCPØ95NP-393K
393K
39mH
±10%
90
9.5
71.0
RCPØ95NP-473K
473K
47mH
±10%
90
8.5
80.0
RCPØ95NP-563K
563K
56mH
±10%
85
7.5
91.0
RCPØ95NP-683K
683K
68mH
±10%
80
6.5
93.0
RCPØ95NP-823K
823K
82mH
±10%
75
4.3
104.0
RCPØ95NP-1Ø4K
104K
100mH
±10%
80
4.0
125.0


Similar Part No. - RCP095NP-123J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCP0505B VISHAY-RCP0505B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0505W VISHAY-RCP0505W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603B VISHAY-RCP0603B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603W VISHAY-RCP0603W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
More results

Similar Description - RCP095NP-123J

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-105 SUMIDA-RCP-105 Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com