Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R58NP-3R3MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # R58NP-3R3MB
Description  Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

R58NP-3R3MB Datasheet(HTML) 1 Page - Sumida Corporation

  R58NP-3R3MB Datasheet HTML 1Page - Sumida Corporation R58NP-3R3MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor< Pin Type :R Series>
Type: R58
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
5.5±0.1
2-φ0.8±0.1
Product Description
・7.9×5.2mm Ref.(L×W),9.0mm Max.Height
・Inductance range: 1.0μH~ 100μH
・Rated current range: 0.46~ 4.2A
・In addition to the standard versions of inductors shown here, custom design
are available to meet your exact requirements.
Feature
・Magnetically unshielded construction.
・Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of PC etc,
as Power Supplies’s Inductors or DC-DC Converter inductors.
・RoHS Compliance
Dimensions (mm)
Reference PCB piercing plan dimension (mm)


Similar Part No. - R58NP-3R3MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
R58NP-3R3MB SUMIDA-R58NP-3R3MB Datasheet
188Kb / 4P
   PIN Power Inductor
More results

Similar Description - R58NP-3R3MB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com