Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP095NP-223K-50 Datasheet(PDF) 4 Page - Sumida Corporation

Part # RCP095NP-223K-50
Description  POWER INDUCTORS < Pin Type: RCP Series >
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP095NP-223K-50 Datasheet(HTML) 4 Page - Sumida Corporation

  RCP095NP-223K-50 Datasheet HTML 1Page - Sumida Corporation RCP095NP-223K-50 Datasheet HTML 2Page - Sumida Corporation RCP095NP-223K-50 Datasheet HTML 3Page - Sumida Corporation RCP095NP-223K-50 Datasheet HTML 4Page - Sumida Corporation RCP095NP-223K-50 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWER INDUCTORS < Pin Type: RCP Series >
Type: RCP-095/12
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/5
Specification - 3
Part No.
Stamp
Inductance
[Within]
※1
Qu
[Min.]
※1
Rated current
(
mA)[Ref.]
※2
D.C.R.(
Ω)
[Max.]
(at 20
℃)
RCPØ95NP-1Ø2K-5Ø
102K
1.0mH
± 10%
70
60.0
1.9
RCPØ95NP-122K-5Ø
122K
1.2mH
± 10%
75
54.0
2.1
RCPØ95NP-152K-5Ø
152K
1.5mH
± 10%
75
52.0
3.0
RCPØ95NP-182K-5Ø
182K
1.8mH
± 10%
80
43.0
3.3
RCPØ95NP-222K-5Ø
222K
2.2mH
± 10%
80
39.0
3.7
RCPØ95NP-272K-5Ø
272K
2.7mH
± 10%
80
33.0
5.5
RCPØ95NP-332K-5Ø
332K
3.3mH
± 10%
80
29.0
6.2
RCPØ95NP-392K-5Ø
392K
3.9mH
± 10%
85
25.0
7.0
RCPØ95NP-472K-5Ø
472K
4.7mH
± 10%
85
23.0
7.9
RCPØ95NP-562K-5Ø
562K
5.6mH
± 10%
85
21.0
11.0
RCPØ95NP-682K-5Ø
682K
6.8mH
± 10%
85
20.5
12.6
RCPØ95NP-822K-5Ø
822K
8.2mH
± 10%
85
19.3
14.5
RCPØ95NP-1Ø3K-5Ø
103K
10mH
± 10%
90
18.0
19.1
RCPØ95NP-123K-5Ø
123K
12mH
± 10%
90
14.5
21.7
RCPØ95NP-153K-5Ø
153K
15mH
± 10%
95
14.0
28.7
RCPØ95NP-183K-5Ø
183K
18mH
± 10%
95
13.0
33.0
RCPØ95NP-223K-5Ø
223K
22mH
± 10%
95
12.0
37.4
RCPØ95NP-273K-5Ø
273K
27mH
± 10%
90
11.5
53.0
RCPØ95NP-333K-5Ø
333K
33mH
± 10%
90
11.0
60.0
RCPØ95NP-393K-5Ø
393K
39mH
± 10%
90
9.5
82.3
RCPØ95NP-473K-5Ø
473K
47mH
± 10%
90
8.5
93.7
RCPØ95NP-563K-5Ø
563K
56mH
± 10%
85
7.5
105.0
RCPØ95NP-683K-5Ø
683K
68mH
± 10%
80
6.5
120.0
RCPØ95NP-823K-5Ø
823K
82mH
± 10%
75
4.3
130.0
RCPØ95NP-1Ø4K-5Ø
104K
100mH
± 10%
80
4.0
150.0


Similar Part No. - RCP095NP-223K-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCP0505B VISHAY-RCP0505B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0505W VISHAY-RCP0505W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603B VISHAY-RCP0603B Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
RCP0603W VISHAY-RCP0603W Datasheet
95Kb / 4P
   Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
Revision: 13-Dec-16
More results

Similar Description - RCP095NP-223K-50

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP-105 SUMIDA-RCP-105 Datasheet
29Kb / 3P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
RC-855 SUMIDA-RC-855 Datasheet
44Kb / 5P
   POWER INDUCTORS < Pin Type: RC Series>
RCR-110D SUMIDA-RCR-110D Datasheet
155Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
   POWER INDUCTORS < Pin Type: RX Series>
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
   POWER INDUCTORS
RC-885 SUMIDA-RC-885 Datasheet
121Kb / 2P
   POWER INDUCTORS < PIN Type: RC Series>
RCR1010 SUMIDA-RCR1010 Datasheet
151Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
RCR-108D SUMIDA-RCR-108D Datasheet
162Kb / 2P
   POWER INDUCTORS < Pin Type: RCR Series>
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com