Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP25Q12D Datasheet(PDF) 1 Page - International Rectifier

Part # EMP25Q12D
Description  NPT IGBTs 25A, 1200V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EMP25Q12D Datasheet(HTML) 1 Page - International Rectifier

  EMP25Q12D Datasheet HTML 1Page - International Rectifier EMP25Q12D Datasheet HTML 2Page - International Rectifier EMP25Q12D Datasheet HTML 3Page - International Rectifier EMP25Q12D Datasheet HTML 4Page - International Rectifier EMP25Q12D Datasheet HTML 5Page - International Rectifier EMP25Q12D Datasheet HTML 6Page - International Rectifier EMP25Q12D Datasheet HTML 7Page - International Rectifier EMP25Q12D Datasheet HTML 8Page - International Rectifier EMP25Q12D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com
1
Bulletin I27149 08/07
EMP25P12B
PIM+
EMP Features:
Power Module:
NPT IGBTs 25A, 1200V
10us Short Circuit capability
Square RBSOA
Low Vce(on) (2.28Vtyp @ 25A, 25°C)
Positive Vce(on) temperature coefficient
Gen III HexFred Technology
Low diode VF (1.76Vtyp @ 25A, 25°C)
Soft reverse recovery
4m
Ω sensing resistors on all phase outputs and
DCbus minus rail
Thermal coefficient < 50ppm/°C
Description
The EMP25P12B is a Power Integrated Module for Motor
Driver applications with embedded sensing resistors on all
three-phase output currents.
Each sensing resistor’s head is directly bonded to an
external pin to reduce parasitic effects and achieve high
accuracy on feedback voltages.
Since their thermal coefficient is very low, no value
compensation is required across the complete operating
temperature range.
The device comes in the EMP
TM package, fully compatible in
length, width and height with EconoPack 2 outline.
Package:
EMP – Inverter (EconoPack 2 outline compatible)
Power Module schematic:
Three phase inverter with current sensing
resistors on all output phases and thermistor
Power module frame pins mapping


Similar Part No. - EMP25Q12D

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP201 EXCELICS-EMP201 Datasheet
141Kb / 3P
   17.5 - 21.0 GHz Power Ammplifier MMIC
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
   Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
   17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
   17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
   17.0 - 20.0 GHz Surface-Mounted PA
More results

Similar Description - EMP25Q12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Wuxi NCE Power Semicond...
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25G120P NCEPOWER-NCE25G120P Datasheet
324Kb / 7P
   1200V, 25A, Trench NPT IGBT
NCE25GD120T NCEPOWER-NCE25GD120T Datasheet
323Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
logo
Intersil Corporation
HGTP5N120BN INTERSIL-HGTP5N120BN Datasheet
82Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs
January 2000
HGTP5N120CN INTERSIL-HGTP5N120CN Datasheet
80Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com