Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEM85NP-2B Datasheet(PDF) 2 Page - Sumida Corporation

Part # FEM85NP-2B
Description  Molding RF Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM85NP-2B Datasheet(HTML) 2 Page - Sumida Corporation

  FEM85NP-2B Datasheet HTML 1Page - Sumida Corporation FEM85NP-2B Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: FEM-85, FEM-85B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Molding RF Coils < Pin Type: FEM Series>
Specification
(FEM-85)
Part No.
Color
Turns
Tuning capacitance
(Variable)
Unloaded
Q(Min.)
Measuring
frequency (MHz)
FEM85NP-1F
Natural
1
½T
72.5pF±4%
70
100
FEM85NP-2F
Red
2
½T
48.5pF±4%
85
100
FEM85NP-3F
Orange
3
½T
34.5pF±4%
100
100
FEM85NP-4F
Yellow
4
½T
25.0pF±4%
105
100
FEM85NP-5F ※1
Green
5
½T
20.0pF±4%
105
100
FEM85NP-1B ※2
Natural
1
½T
64.0pF±3%
55
120
FEM85NP-2B ※2
Red
2
½T
72.0pF±3%
50
100
FEM85NP-3B ※2
Orange
3
½T
54.0pF±3%
50
100
FEM85NP-4B ※2
Yellow
4
½T
45.5pF±3%
45
100
FEM85NP-5B ※2
Green
5
½T
39.0pF±3%
45
100
Adjustable core
F: Ferrite core, B: Brass core.
* VHF Q-METER to be used when measuring.
※1 Tuning capacitance to be measured allowing the core to have 0.5mm Max. fly out from the top of coil.
※2 Tuning capacitance to be measured allowing the core to have 1.0mm Max. fly out from the top of coil.
Specification
(FEM-85B)
Part No.
Color
Turns
Tuning capacitance
(Variable)
Unloaded
Q(Min.)
Measuring
frequency (MHz)
FEM85B-1
Natural
1
½T
85.3pF±4%
70
100
FEM85B-2
Red
2
½T
40.6pF±4%
80
120
FEM85B-3
Orange
3
½T
43.7pF±4%
90
100
FEM85B-4
Yellow
4
½T
35.0pF±4%
85
100
FEM85B-5
Green
5
½T
28.3pF±4%
100
100
VHF Q-METER to be used when measuring.


Similar Part No. - FEM85NP-2B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
logo
List of Unclassifed Man...
FEM-10C ETC1-FEM-10C Datasheet
69Kb / 2P
   ANTRFOsc.FM Radio,T.V.Transceiver
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
More results

Similar Description - FEM85NP-2B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com