Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEM7BNNP-2F Datasheet(PDF) 3 Page - Sumida Corporation

Part # FEM7BNNP-2F
Description  Molding RF Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM7BNNP-2F Datasheet(HTML) 3 Page - Sumida Corporation

  FEM7BNNP-2F Datasheet HTML 1Page - Sumida Corporation FEM7BNNP-2F Datasheet HTML 2Page - Sumida Corporation FEM7BNNP-2F Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: FEM-7B, FEM-7BN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
Molding RF Coils < Pin Type: FEM Series>
Specification
(FEM-7BN)
Part No.
Color
Turns
Tuning capacitance
(Variable)
Unloaded
Q(Min.)
Measuring
frequency
(MHz)
FEM7BNNP-1F
Natural
1
½T
68.0pF±3%
55
100
FEM7BNNP-2F
Red
2
½T
40.0pF±4%
65
100
FEM7BNNP-3F
Orange
3
½T
26.3pF±5%
70
100
FEM7BNNP-4F
Yellow
4
½T
18.6pF±5%
70
100
FEM7BNNP-5F
Green
5
½T
14.0pF±5%
70
100
FEM7BNNP-6F
Blue
6
½T
18.0pF±5%
65
80
FEM7BNNP-7F
Violet
7
½T
14.7pF±5%
65
80
FEM7BNNP-8F
Gray
8
½T
12.3pF±5%
65
80
FEM7BNNP-9F
White
9
½T
19.8pF±5%
60
60
FEM7BNNP-1ØF
Black
10
½T
17.8pF±5%
60
60
FEM7BNNP-11F
Natural
11
½T
14.8pF±4%
60
60
FEM7BNNP-12F
Red
12
½T
13.0pF±4%
60
60
FEM7BNNP-13F
Orange
13
½T
※28.9pF±4%
55
40
FEM7BNNP-14F
Yellow
14
½T
※26.3pF±4%
50
40
FEM7BNNP-15F
Green
15
½T
※23.3pF±4%
50
40
※ Variable range of tuning capacitance allows screw core to have 1.0T Max. out from the top of coil.
* VHF Q-METER to be used when measuring.


Similar Part No. - FEM7BNNP-2F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM7LNNP-1F SUMIDA-FEM7LNNP-1F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-2F SUMIDA-FEM7LNNP-2F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-3F SUMIDA-FEM7LNNP-3F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-4F SUMIDA-FEM7LNNP-4F Datasheet
40Kb / 1P
   Molding RF Coils
FEM7LNNP-5F SUMIDA-FEM7LNNP-5F Datasheet
40Kb / 1P
   Molding RF Coils
More results

Similar Description - FEM7BNNP-2F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-12A SUMIDA-FEM-12A Datasheet
47Kb / 2P
   Molding RF Coils
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com