Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEM12ANP-8N6 Datasheet(PDF) 2 Page - Sumida Corporation

Part # FEM12ANP-8N6
Description  Molding RF Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

FEM12ANP-8N6 Datasheet(HTML) 2 Page - Sumida Corporation

  FEM12ANP-8N6 Datasheet HTML 1Page - Sumida Corporation FEM12ANP-8N6 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: FEM-12A
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Molding RF Coils < Pin Type: FEM Series>
Specification
Part No.
Color
Turns
Tuning capacitance
(80MHz)
Unloaded Q (Min.)
(80MHz)
FEM12ANP-2F6
51pF±5% Variable
140
FEM12ANP-2N6
Red
2½T
64pF±10% Within
120
FEM12ANP-3F6
34pF±5% Variable
140
FEM12ANP-3N6
Orange
3
½T
46pF±10% Within
140
FEM12ANP-4F6
24pF±5% Variable
160
FEM12ANP-4N6
Yellow
4
½T
34pF±10% Within
150
FEM12ANP-5F6
18pF±5% Variable
160
FEM12ANP-5N6
Green
5
½T
27pF±10% Within
160
FEM12ANP-6F6 ※
15pF±4% Variable
170
FEM12ANP-6N6
Blue
6
½T
24pF±10% Within
165
FEM12ANP-7F6 ※
12pF±4% Variable
170
FEM12ANP-7N6
Purple
7
½T
20pF±10% Within
170
FEM12ANP-8F6 ※
10pF±4% Variable
165
FEM12ANP-8N6
Natural
8
½T
17pF±10% Within
170
※ Tuning capacitance measuring allows the screw core to have 2mm Max. fly out from the
top of coil.
Adjustable core
F: Ferrite core,
N: without core.
* VHF Q-METER to be used when measuring.


Similar Part No. - FEM12ANP-8N6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FEM102-LFR FRONTIER-FEM102-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM103-LFR FRONTIER-FEM103-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM104-LFR FRONTIER-FEM104-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM105-LFR FRONTIER-FEM105-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
FEM106-LFR FRONTIER-FEM106-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FEM12ANP-8N6

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
FEM-10 SUMIDA-FEM-10 Datasheet
67Kb / 2P
   Molding RF Coils
FEM-7B SUMIDA-FEM-7B Datasheet
60Kb / 3P
   Molding RF Coils
FEM-7LN SUMIDA-FEM-7LN Datasheet
40Kb / 1P
   Molding RF Coils
FEM-85 SUMIDA-FEM-85 Datasheet
81Kb / 2P
   Molding RF Coils
S-7GDJ SUMIDA-S-7GDJ Datasheet
220Kb / 1P
   RF COILS
QU57 SUMIDA-QU57 Datasheet
121Kb / 1P
   RF COILS
S-10E SUMIDA-S-10E Datasheet
114Kb / 1P
   RF COILS
CFE534 SUMIDA-CFE534 Datasheet
138Kb / 1P
   RF Coils
S-7JLB SUMIDA-S-7JLB Datasheet
218Kb / 1P
   RF COILS
QU-10 SUMIDA-QU-10 Datasheet
117Kb / 1P
   RF COILS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com