Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1361X_GRE Datasheet(PDF) 7 Page - Aimtron Technology

Part # AT1361X_GRE
Description  1MHz,1A Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1361X_GRE Datasheet(HTML) 7 Page - Aimtron Technology

Back Button AT1361X_GRE Datasheet HTML 3Page - Aimtron Technology AT1361X_GRE Datasheet HTML 4Page - Aimtron Technology AT1361X_GRE Datasheet HTML 5Page - Aimtron Technology AT1361X_GRE Datasheet HTML 6Page - Aimtron Technology AT1361X_GRE Datasheet HTML 7Page - Aimtron Technology AT1361X_GRE Datasheet HTML 8Page - Aimtron Technology AT1361X_GRE Datasheet HTML 9Page - Aimtron Technology AT1361X_GRE Datasheet HTML 10Page - Aimtron Technology AT1361X_GRE Datasheet HTML 11Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AT1361
1MHz,1A Synchronous Buck Converter
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
1/11/2008
REV:1.0
Email:service@aimtron.com.tw
7
Typical characteristics :
Vout Voltage vs. Temperature
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Temperature (
℃)
Vout Voltage vs. Temperature
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
Temperature (
℃)
VIN=5V
Load=0.8A
Load=1A
Efficiency VS. Load Current
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current(mA)
VIN=2.5V,VOUT=1.2V
VIN=3.6V,VOUT=1.2V
VIN=4.2V,VOUT=1.2V
VIN=5V,VOUT=1.2V
L=4.7uH/SR0302
Efficiency VS. Load Current
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load C urre nt(mA)
VIN=3.6V,VOUT=3.3V
VIN=4.2V,VOUT=3.3V
VIN=5V,VOUT=3.3V
L=4.7uH/SR0302
Efficiency VS. Load Current
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current(mA)
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
L=4.7uH/SR0302


Similar Part No. - AT1361X_GRE

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362A AIMTRON-AT1362A Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
   Synchronous Buck Converter With Power Good Detector & LDO
logo
Aimtron Technology
AT1362AN AIMTRON-AT1362AN Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
AT1362B AIMTRON-AT1362B Datasheet
710Kb / 13P
   Synchronous Buck Converter With Power Good Detector & LDO
More results

Similar Description - AT1361X_GRE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
   1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
   2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
   40V 600mA 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
   40V, 600MA, 1MHz synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com