Electronic Components Datasheet Search
Selected language     English  ▼


M-7GLB Datasheet(PDF) 1 Page - Sumida Corporation

Part No. M-7GLB
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: M-7GLB, M-7GLM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: M-7GL Series>
Product Description
・8.2×7.8mm Max.(L×W), 7.0mm Max. Height(M-7GLB).
・8.2×7.8mm Max.(L×W), 6.5mm Max. Height(M-7GLM).
・Inductance:6.8mH Max.
・Operating frequency:1.0MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・High inductance variable type(M-7GLB) and fixed type(M-7GLM) are both available.
・RoHS Compliance
Dimensions (mm)
M-7GLB
M-7GLM
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
7.0 MAX.
3. 0
±0.5
4.5 ±0.2
7.3 ±0.5
7. 7 ± 0.5
6.5 MAX.
3.0
-0.5
+1.0
4.5±0.2
7.7±0.5
2.5±0.2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MG811IFT COILS 1 Sumida Corporation
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG89JIFT COILS 1 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
MG78IFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
PT-10IFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation
PG57IFT COILS < Pin Type: PG Series> 1 2 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl