Selected language     English  ▼


M-7GLB Datasheet(PDF) 2 Page - Sumida Corporation

Part No. M-7GLB
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 2 page
background image
Type: M-7GLB, M-7GLM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: M-7GL Series>
Connection (Bottom View)
M-7GLB
M-7GLM
“S” is winding start
“S” is winding start
Specification-(M-7GLB) (Part No. 4336-T012)
Specification-(M-7GLM) (Part No. 4338-T004)
Item
Specification
Measuring
Condition
Inductance
(4-6)
1.5mH±5%
Variable
1kHz
Inductance
(1-3)
145µH (Ref)
1kHz
Unloaded Q
(4-6)
27MIN (Ref)
100kHz
Item
(1-6)
Measuring
Condition
Inductance
72µH ± 40%
Within
1kHz
Leakage Inductance
70µH (Ref.)
1kHz, (3-4) shorted
③④
S
S
S
S




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MG811IFT COILS 1 Sumida Corporation
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG89JIFT COILS 1 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
MG78IFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
PT-10IFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation
PG57IFT COILS < Pin Type: PG Series> 1 2 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl