Selected language     English  ▼


M-7GUB Datasheet(PDF) 1 Page - Sumida Corporation

Part No. M-7GUB
Description  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: M-7GUB
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: M-7G Series>
7. 5 MAX.
3.0
-0.5
+1.0
4.5 ± 0.2
7.3 ±0.5
7.7 ±0.5
Product Description
・8.2×7.8mm Max.(L×W), 7.5mm Max. Height.
・Inductance:14mH Max.
・Operating frequency:1.0MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements
Feature
・High inductance variable shielded type.
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
Connection (Bottom View)
Specification
(Part No. 4337-T003)
“S” is winding start
Item
(1-3)
Measuring
Conditions
Inductance
5.5 mH±6% Variable
252kHz
Unloaded Q
40 Min.
252kHz
③④
S




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MG811IFT COILS 1 Sumida Corporation
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG89JIFT COILS 1 Sumida Corporation
M-7GLBIFT COILS 1 2 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
MG78IFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
PT-10IFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl