Electronic Components Datasheet Search
Selected language     English  ▼


M-7LG Datasheet(PDF) 1 Page - Sumida Corporation

Part No. M-7LG
Description  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: M-7LG
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: M Series>
Product Description
・7.8×7.8mm Max.(L×W), 12.5mm Max. Height.
・In addition to the reference versions of parameters shown here, custom designs are available
to meet your exact requirements
Feature
・High inductance variable shielded type.
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
Connection (Bottom View)
Specification (Part No.S0080074)
“S”is winding start.
Item
(1−3)
Measuring
Conditions
Tuning
Capacity(Ext,)
2200pF±6%
57kHz
Unloaded Q
75 Min.
57kHz
Loaded Q
35± 20% Within
57kHz
External resistance 4.7 KΩis connected between (4-6)
when measuring loaded Q .
③④
S
S
12.0
±0.5
3.0-0.5
+1.0
3.5
±0.5
7.3
±0.5
4.5
±0.15




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MG811IFT COILS 1 Sumida Corporation
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG89JIFT COILS 1 Sumida Corporation
M-7GLBIFT COILS 1 2 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
MG78IFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
PT-10IFT COILS 1 Sumida Corporation
M-7GUBIFT COILS 1 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl