Selected language     English  ▼


M-10B Datasheet(PDF) 2 Page - Sumida Corporation

Part No. M-10B
Description  IFT COILS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 2 page
background image
Type: M-10B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: M -10Series>
Specification
No.
Part No.
Stamp
Inductance
Variable]
※1
Unloaded Q
[Min.]
※1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rated
Current
(mA) [Ref.]
※2
01
M1ØBNP-1Ø2
102
1.0mH ± 6%
70
2.8
70
02
M1ØBNP-122
122
1.2mH ± 6%
70
3.7
65
03
M1ØBNP-152
152
1.5mH ± 6%
70
4.5
63
04
M1ØBNP-182
182
1.8mH ± 6%
70
4.8
60
05
M1ØBNP-222
222
2.2mH ± 6%
75
6.9
55
06
M1ØBNP-272
272
2.7mH ± 6%
75
8.4
53
07
M1ØBNP-332
332
3.3mH ± 6%
75
11.1
47
08
M1ØBNP-392
392
3.9mH ± 6%
75
12.7
42
09
M1ØBNP-472
472
4.7mH ± 6%
75
15.3
38
10
M1ØBNP-562
562
5.6mH ± 6%
80
16.9
35
11
M1ØBNP-682
682
6.8mH ± 6%
80
19.5
32
12
M1ØBNP-822
822
8.2mH ± 6%
80
28.3
31
13
M1ØBNP-1Ø3
103
10mH ± 6%
80
31.6
28
14
M1ØBNP-123
123
12mH ± 6%
75
46.6
20
15
M1ØBNP-153
153
15mH ± 6%
75
53.3
17
16
M1ØBNP-183
183
18mH ± 6%
75
59.7
10
17
M1ØBNP-223
223
22mH ± 6%
70
81.3
8
18
M1ØBNP-273
273
27mH ± 6%
70
87.7
7
19
M1ØBNP-333
333
33mH ± 6%
70
105.4
5
1Measuring frequency: Inductance at 1 kHz ; Unloaded Q: at 100 kHz
※2
Rated current: The D.C. current at which the inductance decreases to 95% of it’s initial value
or when △t=40℃, whichever is lower(Ta=20℃).




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MG811IFT COILS 1 Sumida Corporation
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG89JIFT COILS 1 Sumida Corporation
M-7GLBIFT COILS 1 2 Sumida Corporation
SM-10FIFT COILS 1 Sumida Corporation
MG78IFT COILS 1 Sumida Corporation
SM-10CIFT COILS 1 Sumida Corporation
PT-10IFT COILS 1 Sumida Corporation
M-7GUBIFT COILS 1 Sumida Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl