Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8GNP-392 Datasheet(PDF) 1 Page - Sumida Corporation

Part # M8GNP-392
Description  IFT COILS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

M8GNP-392 Datasheet(HTML) 1 Page - Sumida Corporation

  M8GNP-392 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: M-8G
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: M-8 Series>
Product Description
8.2×8.2mm Max.(L×W), 11.0mm Max. Height.
Inductance:27mH Max.
Operating frequency:500kHz Max.
In addition to the standard versions of parameters shown here, custom designs
are available to meet your exact requirements
Feature
Variable inductance shielded type.
Can be used as bias oscillation transformer.
RoHS Compliance
Dimensions (mm)
Connection
(Bottom View)
Specification
Part No.
Stamp
Inductance
[Variable] at 1kHz
Unloaded Q
[Min.] at 100kHz
D.C.R.(Ω)
[MAX.](at=20℃)
M8GNP-1Ø2
102
1.0mH±6%
80
2.5
M8GNP-122
122
1.2mH±6%
80
2.9
M8GNP-152
152
1.5mH±6%
80
3.2
M8GNP-182
182
1.8mH±6%
85
3.7
M8GNP-222
222
2.2mH±6%
90
4.3
M8GNP-272
272
2.7mH±6%
90
4.9
M8GNP-332
332
3.3mH±6%
95
5.6
M8GNP-392
392
3.9mH±6%
100
6.2
M8GNP-472
472
4.7mH±6%
100
6.8
M8GNP-562
562
5.6mH±6%
110
9.2
M8GNP-682
682
6.8mH±6%
110
10.7
M8GNP-822
822
8.2mH±6%
100
13.9
M8GNP-1Ø3
103
10.0mH±6%
105
16.6
M8GNP-123
123
12.0mH±6%
110
21.6
M8GNP-153
153
15.0mH±6%
115
26.6
M8GNP-183
183
18.0mH±6%
100
35.8
M8GNP-223
223
22.0mH±6%
100
40.3
M8GNP-273
273
27.0mH±6%
100
46.3
S
11.0 Max.
3.5 -0.5
+1.0
3.5±0.5
4.5±0.2
7.7±0.5


Similar Part No. - M8GNP-392

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
M8G45 TOSHIBA-M8G45 Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
M8G48 TOSHIBA-M8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
logo
EUROQUARTZ limited
M8GT-KHZ EUROQUARTZ-M8GT-KHZ Datasheet
114Kb / 1P
   CMOS 8 pin DIL, kHz Range
More results

Similar Description - M8GNP-392

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com