Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC129JNP-332 Datasheet(PDF) 1 Page - Sumida Corporation

Part # MC129JNP-332
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC129JNP-332 Datasheet(HTML) 1 Page - Sumida Corporation

  MC129JNP-332 Datasheet HTML 1Page - Sumida Corporation MC129JNP-332 Datasheet HTML 2Page - Sumida Corporation MC129JNP-332 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: MC-129J, MC-129JA
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: MC-129 Series>
Product Description
13.0mm Max,16.0mm Max. Height. (MC-129J)
13.6mm Max,19.0mm Max. Height. (MC-129JA)
Inductance:82mH Max.
Operating frequency:250kHz Max.
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
High inductance variable shielded type.
Can be used as DC-DC converter transformer.
RoHS Compliance
Dimensions (mm)
MC-129J
Dimension does not include solder used on coil.
MC-129JA
Pin pitch should be measured at the root of terminal.
φ12.5±0.5
15.5±0.5
3.5-0.5
+1.0
7.0±0.2
φ13.1±0.5
MA X. 19
3.5-0.5
+1.0
7.0±0.2


Similar Part No. - MC129JNP-332

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-100M FENGJUI-MC1295A-100M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R0M FENGJUI-MC1295A-1R0M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R5M FENGJUI-MC1295A-1R5M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-2R2M FENGJUI-MC1295A-2R2M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
More results

Similar Description - MC129JNP-332

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com