Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM50HG-12S Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RM50HG-12S
Description  HIGH SPEED SWITCHING USE NON-INSULATED TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM50HG-12S Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RM50HG-12S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM50HG-12S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Ratings
Symbol
RM50HG-12S
Units
Peak Reverse Blocking Voltage (Repetitive)
VRRM
600
Volts
Peak Reverse Blocking Voltage (Non-Repetitive)
VRSM
720
Volts
DC Reverse Blocking Voltage
VR(DC)
480
Volts
DC Current, TC = 80°C (Resistive Load)
IF(DC)
50
Amperes
Peak Half-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IFSM
1000
Amperes
Storage Temperature
Tstg
-40 to +125
°C
Operating Temperature
Tj
-40 to +150
°C
Maximum Mounting Torque M3 Mounting Screw
0.59 ~ 0.98
N · m
Module Weight (Typical)
10
Grams
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Max.
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
VRRM applied, Tj = 25°C
0.1
mA
VRRM applied, Tj = 125°C
1.0
mA
Conducting State Maximums
Forward Voltage Drop
VFM
Tj = 25°C, IFM = 200A
4.0
Volts
Switching Minimums
Reverse Recovery Time
trr
IFM = 200A, Tj = 150°C
0.2
µs
di/dt = -1000A/
µs, VR = 300V
Lead Integrity
Tension Load: 2.5 kg
30.0
s
Bending Load: 1 kg bent to 90
°
2.0
times
Thermal Maximums
Junction to Case Thermal Resistance
Rth(j-c)
Junction to case
0.5
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin, Thermal Grease Applied
0.5
°C/Watt
*Maximum ratings unless otherwise specified
MITSUBISHI FAST RECOVERY DIODE MODULES
RM50HG-12S
HIGH SPEED SWITCHING USE
NON-INSULATED TYPE
FORWARD VOLTAGE DROP, VF, (VOLTS)
MAXIMUM FORWARD CHARACTERISTIC
1.0
2.0
3.0
4.0
5.0
6.0
101
102
103
Tj = 25
oC
TIME (S)
MAXIMUM TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (JUNCTION TO CASE)
10-3
10-2
100
101
100
10-1
0
0.1
0.2
0.3
0.4
0.5
CYCLES (60Hz)
RATED SURGE (NON-REPETITIVE)
FORWARD CURRENT
100
101
102
0
200
400
600
800
1000


Similar Part No. - RM50HG-12S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM50HG-12S POWEREX-RM50HG-12S Datasheet
68Kb / 2P
   Super Fast Recovery Single Diode (50 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
50Kb / 3P
   FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_01 Datasheet
50Kb / 3P
   FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
More results

Similar Description - RM50HG-12S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM25HG-24S MITSUBISHI-RM25HG-24S_09 Datasheet
485Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HA-XXF MITSUBISHI-RM50HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM100CA-XXF MITSUBISHI-RM100CA-XXF Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20HA-XXF MITSUBISHI-RM20HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM400HV-34S MITSUBISHI-RM400HV-34S Datasheet
69Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20DA-XXF MITSUBISHI-RM20DA-XXF Datasheet
49Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM300HA-24F MITSUBISHI-RM300HA-24F Datasheet
46Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM200DA-20F MITSUBISHI-RM200DA-20F Datasheet
50Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com