Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3871EMP-2.5 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3871EMP-2.5
Description  0.8A Fast Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3871EMP-2.5 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3871EMP-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 13Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 14Page - National Semiconductor (TI) LP3871EMP-2.5 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Hints
V
IN RESTRICTIONS FOR PROPER START-UP
To prevent misoperation, ensure that V
IN is below 50mV
before start-up is initiated. This scenario can occur in sys-
tems with a backup battery using reverse-biased "blocking"
diodes which may allow enough leakage current to flow into
the V
IN node to raise it’s voltage slightly above ground when
the main power is removed. Using low leakage diodes or a
resistive pull down can prevent the voltage at V
IN from rising
above 50mV. Large bulk capacitors connected to V
IN may
also cause a start-up problem if they do not discharge fully
before re-start is initiated (but only if V
IN is allowed to fall
below 1V). A resistor connected across the capacitor will
allow it to discharge more quickly. It should be noted that the
probability of a "false start" caused by incorrect logic states
is extremely low.
EXTERNAL CAPACITORS
Like any low-dropout regulator, external capacitors are re-
quired to assure stability. These capacitors must be correctly
selected for proper performance.
INPUT CAPACITOR: An input capacitor of at least 10µF is
required. Ceramic, Tantalum, or Electrolytic capacitors may
be used, and capacitance may be increased without limit.
OUTPUT CAPACITOR: An output capacitor is required for
loop stability. It must be located less than 1 cm from the
device and connected directly to the output and ground pins
using traces which have no other currents flowing through
them (see PCB Layout section).
The minimum value of output capacitance that can be used
for stable full-load operation is 10µF, but it may be increased
without limit. The output capacitor must have an ESR value
as shown in the stable region of the curve (below).Tantalum
capacitors are recommended for the output capacitor.
ESR Curve
20063170
SELECTING A CAPACITOR
It is important to note that capacitance tolerance and varia-
tion with temperature must be taken into consideration when
selecting a capacitor so that the minimum required amount
of capacitance is provided over the full operating tempera-
ture range. In general, a good Tantalum capacitor will show
very little capacitance variation with temperature, but a ce-
ramic may not be as good (depending on dielectric type).
Aluminum electrolytics also typically have large temperature
variation of capacitance value.
Equally important to consider is a capacitor’s ESR change
with temperature: this is not an issue with ceramics, as their
ESR is extremely low. However, it is very important in Tan-
talum and aluminum electrolytic capacitors. Both show in-
creasing ESR at colder temperatures, but the increase in
aluminum electrolytic capacitors is so severe they may not
be feasible for some applications (see Capacitor Character-
istics Section).
CAPACITOR CHARACTERISTICS
CERAMIC: For values of capacitance in the 10 to 100 µF
range, ceramics are usually larger and more costly than
tantalums but give superior AC performance for bypassing
high frequency noise because of very low ESR (typically less
than 10 m
Ω). However, some dielectric types do not have
good capacitance characteristics as a function of voltage
and temperature.
Z5U and Y5V dielectric ceramics have capacitance that
drops severely with applied voltage. A typical Z5U or Y5V
capacitor can lose 60% of its rated capacitance with half of
the rated voltage applied to it. The Z5U and Y5V also exhibit
a severe temperature effect, losing more than 50% of nomi-
nal capacitance at high and low limits of the temperature
range.
X7R and X5R dielectric ceramic capacitors are strongly rec-
ommended if ceramics are used, as they typically maintain a
capacitance range within ±20% of nominal over full operat-
ing ratings of temperature and voltage. Of course, they are
typically larger and more costly than Z5U/Y5U types for a
given voltage and capacitance.
TANTALUM: Solid Tantalum capacitors are recommended
for use on the output because their typical ESR is very close
to the ideal value required for loop compensation. They also
work well as input capacitors if selected to meet the ESR
requirements previously listed.
Tantalums also have good temperature stability: a good
quality Tantalum will typically show a capacitance value that
varies less than 10-15% across the full temperature range of
125˚C to −40˚C. ESR will vary only about 2X going from the
high to low temperature limits.
The increasing ESR at lower temperatures can cause oscil-
lations when marginal quality capacitors are used (if the ESR
of the capacitor is near the upper limit of the stability range at
room temperature).
ALUMINUM: This capacitor type offers the most capaci-
tance for the money. The disadvantages are that they are
larger in physical size, not widely available in surface mount,
and have poor AC performance (especially at higher fre-
quencies) due to higher ESR and ESL.
Compared by size, the ESR of an aluminum electrolytic is
higher than either Tantalum or ceramic, and it also varies
greatly with temperature. A typical aluminum electrolytic can
exhibit an ESR increase of as much as 50X when going from
25˚C down to −40˚C.
It should also be noted that many aluminum electrolytics only
specify impedance at a frequency of 120 Hz, which indicates
they have poor high frequency performance. Only aluminum
electrolytics that have an impedance specified at a higher
frequency (between 20 kHz and 100 kHz) should be used for
the LP387X. Derating must be applied to the manufacturer’s
ESR specification, since it is typically only valid at room
temperature.
www.national.com
11


Similar Part No. - LP3871EMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871EMP-2.5 NSC-LP3871EMP-2.5 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3871EMP-2.5/NOPB TI1-LP3871EMP-2.5/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3871EMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com