Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3874EMPX-5.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3874EMPX-5.0
Description  0.8A Fast Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3874EMPX-5.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3874EMPX-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3874EMPX-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering Information
20063131
Package Type Designator is "T" for TO220 package, and "S" for TO263 package, and "MP" for SOT-223 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Description
(Current, Option)
Package
Type
Package
Marking
Supplied As:
5.0
LP3871ES-5.0
0.8A, Error Flag
TO263-5
LP3871ES-5.0
Rail
5.0
LP3871ESX-5.0
0.8A, Error Flag
TO263-5
LP3871ES-5.0
Tape and Reel
3.3
LP3871ES-3.3
0.8A, Error Flag
TO263-5
LP3871ES-3.3
Rail
3.3
LP3871ESX-3.3
0.8A, Error Flag
TO263-5
LP3871ES-3.3
Tape and Reel
2.5
LP3871ES-2.5
0.8A, Error Flag
TO263-5
LP3871ES-2.5
Rail
2.5
LP3871ESX-2.5
0.8A, Error Flag
TO263-5
LP3871ES-2.5
Tape and Reel
1.8
LP3871ES-1.8
0.8A, Error Flag
TO263-5
LP3871ES-1.8
Rail
1.8
LP3871ESX-1.8
0.8A, Error Flag
TO263-5
LP3871ES-1.8
Tape and Reel
5.0
LP3874ES-5.0
0.8A, SENSE
TO263-5
LP3874ES-5.0
Rail
5.0
LP3874ESX-5.0
0.8A, SENSE
TO263-5
LP3874ES-5.0
Tape and Reel
3.3
LP3874ES-3.3
0.8A, SENSE
TO263-5
LP3874ES-3.3
Rail
3.3
LP3874ESX-3.3
0.8A, SENSE
TO263-5
LP3874ES-3.3
Tape and Reel
2.5
LP3874ES-2.5
0.8A, SENSE
TO263-5
LP3874ES-2.5
Rail
2.5
LP3874ESX-2.5
0.8A, SENSE
TO263-5
LP3874ES-2.5
Tape and Reel
1.8
LP3874ES-1.8
0.8A, SENSE
TO263-5
LP3874ES-1.8
Rail
1.8
LP3874ESX-1.8
0.8A, SENSE
TO263-5
LP3874ES-1.8
Tape and Reel
5.0
LP3871ET-5.0
0.8A, Error Flag
TO220-5
LP3871ET-5.0
Rail
3.3
LP3871ET-3.3
0.8A, Error Flag
TO220-5
LP3871ET-3.3
Rail
2.5
LP3871ET-2.5
0.8A, Error Flag
TO220-5
LP3871ET-2.5
Rail
1.8
LP3871ET-1.8
0.8A, Error Flag
TO220-5
LP3871ET-1.8
Rail
5.0
LP3874ET-5.0
0.8A, SENSE
TO220-5
LP3874ET-5.0
Rail
3.3
LP3874ET-3.3
0.8A, SENSE
TO220-5
LP3874ET-3.3
Rail
2.5
LP3874ET-2.5
0.8A, SENSE
TO220-5
LP3874ET-2.5
Rail
1.8
LP3874ET-1.8
0.8A, SENSE
TO220-5
LP3874ET-1.8
Rail
5.0
LP3871EMP-5.0
0.8A, Error Flag
SOT223-5
LH9B
1000 Units on Tape and Reel
5.0
LP3871EMPX-5.0
0.8A, Error Flag
SOT223-5
LH9B
2000 Units on Tape and Reel
3.3
LP3871EMP-3.3
0.8A, Error Flag
SOT223-5
LH8B
1000 Units on Tape and Reel
3.3
LP3871EMPX-3.3
0.8A, Error Flag
SOT223-5
LH8B
2000 Units on Tape and Reel
2.5
LP3871EMP-2.5
0.8A, Error Flag
SOT223-5
LH7B
1000 Units on Tape and Reel
2.5
LP3871EMPX-2.5
0.8A, Error Flag
SOT223-5
LH7B
2000 Units on Tape and Reel
1.8
LP3871EMP-1.8
0.8A, Error Flag
SOT223-5
LH6B
1000 Units on Tape and Reel
1.8
LP3871EMPX-1.8
0.8A, Error Flag
SOT223-5
LH6B
2000 Units on Tape and Reel
www.national.com
4


Similar Part No. - LP3874EMPX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3874EMPX-5.0/NOPB TI1-LP3874EMPX-5.0/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3874EMPX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
   0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
[Old version datasheet]   0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com