Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3266W-1-502LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3266W-1-502LF
Description  Square Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3266W-1-502LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3266W-1-502LF Datasheet HTML 1Page - Bourns Electronic Solutions 3266W-1-502LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SIDE ADJUST
3266Z-1
12.70
(.500)
18 ± .76
(.709 ± .030)
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
24.9 + .76
(.980 + .030)
4.0 ± .03
(.157 ± .001)
3.81 ± .71
(.150 ± .028)
1
2
3
4.32 ± .38
(.170 ± .015)
2.16 ± .25
(.085 ± .010)
.43 ± .05
(017 ± .002)
8.9 + .76 /- .5
(.035 + .030/ .020)
REF.
DIA.
DIA. TYP.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
TOP ADJUST
3266Y-1
12.70
(.500)
18 ± .76
(.709 ± .030)
4.0 ± .03
(.157 ± .001)
3.81 ± .71
(.150 ± .028)
1
2
3
25.9 ± 0.76
(1.020 ± .030)
18 + 1.0/ - 0.5
(709 + .040/ - .020)
12.7 + 0.3/ - 0.25
(.500 + .012/ - .010)
4.32 ± .38
(.170 ± .015)
2.16 ± .25
(.085 ± .010)
3.81 ± .71
(.150 ± .028)
REF.
DIA.
8.9 + .76 /- .5
(.035 + .030/ .020)
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Packaging Specifications
Meets EIA Specification 468.
3266 - 1/4 ” Square Trimming Potentiometer
REV. 03/07


Similar Part No. - 3266W-1-502LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266W-1-502ALF BOURNS-3266W-1-502ALF Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
3266W-1-502RLF BOURNS-3266W-1-502RLF Datasheet
346Kb / 2P
   Square Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3266W-1-502LF

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
RKT-3362 KINGTRONICS-RKT-3362 Datasheet
462Kb / 1P
   SQUARE TRIMMING POTENTIOMETER
logo
Suntan Capacitors
TSR-3266 SUNTAN-TSR-3266_17 Datasheet
312Kb / 1P
   Square Trimming Potentiometer
TSR-3362 SUNTAN-TSR-3362_17 Datasheet
647Kb / 1P
   Square Trimming Potentiometer
logo
DB Lectro Inc
3296-P-100 DBLECTRO-3296-P-100 Datasheet
433Kb / 1P
   Square Trimming Potentiometer
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202 Datasheet
169Kb / 1P
   Square Trimming Potentiometer
logo
DB Lectro Inc
3266-P-100 DBLECTRO-3266-P-100 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
3362-P-100 DBLECTRO-3362-P-100 Datasheet
475Kb / 1P
   Square Trimming Potentiometer
logo
Bourns Electronic Solut...
3250 BOURNS-3250 Datasheet
41Kb / 1P
   Square Trimming Potentiometer
logo
DB Lectro Inc
3223-P-100 DBLECTRO-3223-P-100 Datasheet
440Kb / 1P
   Square Trimming Potentiometer
logo
Bourns Electronic Solut...
RJ22FW103 BOURNS-RJ22FW103 Datasheet
142Kb / 1P
   Square Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com